Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST29VE010-90-4I-PH Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST29VE010-90-4I-PH
Description  1 Mbit (128K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VE010-90-4I-PH Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST29VE010-90-4I-PH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29VE010-90-4I-PH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29VE010-90-4I-PH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VE010-90-4I-PH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VE010-90-4I-PH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VE010-90-4I-PH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VE010-90-4I-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VE010-90-4I-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VE010-90-4I-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
©2001 Silicon Storage Technology, Inc.
S71061-07-000
6/01
304
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
SSF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 / SST29LE010 / SST29VE010
FEATURES:
Single Voltage Read and Write Operations
– 5.0V-only for SST29EE010
– 3.0-3.6V for SST29LE010
– 2.7-3.6V for SST29VE010
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption
– Active Current: 20 mA (typical) for 5V and 10 mA
(typical) for 3.0/2.7V
– Standby Current: 10 µA (typical)
Fast Page-Write Operation
– 128 Bytes per Page, 1024 Pages
– Page-Write Cycle: 5 ms (typical)
– Complete Memory Rewrite: 5 sec (typical)
– Effective Byte-Write Cycle Time: 39 µs (typical)
Fast Read Access Time
– 5.0V-only operation: 70 and 90 ns
– 3.0-3.6V operation: 150 and 200 ns
– 2.7-3.6V operation: 200 and 250 ns
Latched Address and Data
Automatic Write Timing
– Internal VPP Generation
End of Write Detection
– Toggle Bit
– Data# Polling
Hardware and Software Data Protection
Product Identification can be accessed via
Software Operation
TTL I/O Compatibility
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm, 8mm x 20mm)
– 32-pin PDIP
PRODUCT DESCRIPTION
The SST29EE/LE/VE010 are 128K x8 CMOS Page-Write
EEPROMs manufactured with SST’s proprietary, high per-
formance CMOS SuperFlash technology. The split-gate
cell design and thick oxide tunneling injector attain better
reliability and manufacturability compared with alternate
approaches. The SST29EE/LE/VE010 write with a single
power supply. Internal Erase/Program is transparent to the
user. The SST29EE/LE/VE010 conform to JEDEC stan-
dard pinouts for byte-wide memories.
Featuring high performance Page-Write, the SST29EE/LE/
VE010 provide a typical Byte-Write time of 39 µsec. The
entire memory, i.e., 128 KBytes, can be written page-by-
page in as little as 5 seconds, when using interface features
such as Toggle Bit or Data# Polling to indicate the comple-
tion of a Write cycle. To protect against inadvertent write,
the SST29EE/LE/VE010 have on-chip hardware and Soft-
ware Data Protection schemes. Designed, manufactured,
and tested for a wide spectrum of applications, the
SST29EE/LE/VE010 are offered with a guaranteed Page-
Write endurance of 10,000 cycles. Data retention is rated at
greater than 100 years.
The SST29EE/LE/VE010 are suited for applications that
require convenient and economical updating of program,
configuration, or data memory. For all system applications,
the SST29EE/LE/VE010 significantly improve performance
and reliability, while lowering power consumption. The
SST29EE/LE/VE010 improve flexibility while lowering the
cost for program, data, and configuration storage applica-
tions.
To meet high density, surface mount requirements, the
SST29EE/LE/VE010 are offered in 32-lead PLCC and 32-
lead TSOP packages. A 600-mil, 32-pin PDIP package is
also available. See Figures 1, 2, and 3 for pinouts.
Device Operation
The SST Page-Mode EEPROM offers in-circuit electrical
write capability. The SST29EE/LE/VE010 does not require
separate Erase and Program operations. The internally
timed write cycle executes both erase and program trans-
parently to the user. The SST29EE/LE/VE010 have indus-
try standard optional Software Data Protection, which SST
recommends always to be enabled. The SST29EE/LE/
VE010 are compatible with industry standard EEPROM
pinouts and functionality.
SST29EE010 / SST29LE010 / SST29VE0101Mb Page-Mode flash memories


Similar Part No. - SST29VE010-90-4I-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VE010-90-4I-PH SST-SST29VE010-90-4I-PH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29VE010-90-4I-PH SST-SST29VE010-90-4I-PH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
More results

Similar Description - SST29VE010-90-4I-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com