Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1706PAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1706PAL
Description  ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1706PAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1706PAL Datasheet HTML 1Page - Advanced Linear Devices ALD1706PAL Datasheet HTML 2Page - Advanced Linear Devices ALD1706PAL Datasheet HTML 3Page - Advanced Linear Devices ALD1706PAL Datasheet HTML 4Page - Advanced Linear Devices ALD1706PAL Datasheet HTML 5Page - Advanced Linear Devices ALD1706PAL Datasheet HTML 6Page - Advanced Linear Devices ALD1706PAL Datasheet HTML 7Page - Advanced Linear Devices ALD1706PAL Datasheet HTML 8Page - Advanced Linear Devices ALD1706PAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD1706A/ALD1706B
Advanced Linear Devices
3 of 9
ALD1706/ALD1706G
1706BDA
1706DA
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
VS = ±2.5V -55°C TA +125°C unless otherwise specified
Input Offset
VOS
3.0
6.5
mV
RS ≤ 100KΩ
Voltage
Input Offset
IOS
8.0
8.0
nA
Current
Input Bias
IB
10.0
10.0
nA
Current
Power Supply
PSRR
60
75
60
75
dB
RS ≤ 1MΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
dB
RS ≤ 1MΩ
Rejection Ratio
Large Signal
AV
15
50
15
50
V/ mV
RL = 1MΩ
Voltage Gain
Output Voltage
VO low
-2.40
-2.30
-2.40
-2.30
V
Range
VO high
2.30
2.40
2.30
2.40
V
RL = 1MΩ
Input
Capacitance
CIN
11
11
pF
Bandwidth
BW
400
400
400
400
KHz
Slew Rate
SR
0.17
0.17
0.17
0.17
V/µsAV = +1
RL = 1MΩ
Rise time
t r
1.0
1.0
1.0
1.0
µsRL = 1MΩ
Overshoot
20
20
20
20
%
RL =1MΩ
Factor
CL = 25pF
Settling Time
t s
10.0
10.0
10.0
10.0
µs
0.1%
AV = -RL=1MΩ
CL = 25pF
TA = 25°C VS = ±2.5V unless otherwise specified
1706A
1706B
1706
1706G
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Power Supply
PSRR
70
70
70
70
dB
RS ≤ 1MΩ
Rejection Ratio
Common Mode
CMRR
70
70
70
70
dB
RS ≤ 1MΩ
Rejection Ratio
Large Signal
AV
50
50
50
50
V/ mV
RL =1MΩ
Voltage Gain
Output Voltage
VO low
-0.95
-0.9
-0.95
-0.9
-0.95
-0.9
-0.95
-0.9
V
RL =1MΩ
Range
VO high 0.9
0.95
0.9
0.95
0.9
0.95
0.9
0.95
V
Bandwidth
BW
0.3
0.3
0.3
0.3
MHz
Slew Rate
SR
0.17
0.17
0.17
0.17
V/µsAV = +1
CL = 25pF
TA = 25°C VS = ±1.0V unless otherwise specified
1706A
1706B
1706
1706G
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)


Similar Part No. - ALD1706PAL

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1706PAL ADL-ALD1706PAL Datasheet
77Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results

Similar Description - ALD1706PAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1706A ALD-ALD1706A Datasheet
44Kb / 6P
   ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1706A ADL-ALD1706A Datasheet
77Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4706 ALD-ALD4706_10 Datasheet
86Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
   QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706 ALD-ALD2706_10 Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com