Electronic Components Datasheet Search |
|
06181526 Datasheet(PDF) 7 Page - Tyco Electronics |
|
06181526 Datasheet(HTML) 7 Page - Tyco Electronics |
7 / 85 page HT-SCE High temperature, low outgassing heat-shrinkable wire identification sleeves 7 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Ordering information Available sizes and formats Inside diameter Ordering D (min) d (max) Recommended description As supplied After recovery use range mm inches mm inches mm inches HT-SCE-1K- 3/32 -2.0- <color> 2.36 0.093 0.79 0.031 0.81 - 1.90 0.032 - 0.075 HT-SCE-1K - 1/8 -2.0- <color> 3.18 0.125 1.58 0.062 1.75 - 2.66 0.069 - 0.105 HT-SCE-1K- 3/16 -2.0- <color> 4.75 0.187 2.36 0.093 2.54 - 4.06 0.100 - 0.160 HT-SCE-1K- 1/4 -2.0- <color> 6.35 0.250 3.18 0.125 3.40 - 6.00 0.134 - 0.236 HT-SCE-1K- 3/8 -2.0- <color> 9.53 0.375 4.75 0.187 5.30 - 8.10 0.209 - 0.319 HT-SCE-1K- 1/2 -2.0- <color> 12.70 0.500 6.35 0.250 6.60 - 11.40 0.260 - 0.449 HT-SCE-1K- 3/4 -2.0- <color> 18.00 0.709 9.00 0.354 9.90 - 15.30 0.390 - 0.602 HT-SCE-1K-1-2.0- <color> 25.40 1.000 12.70 0.500 13.30 - 23.00 0.524 - 0.906 HT-SCE-1K-11/2 -2.0- <color> 38.10 1.500 19.05 0.750 20.95 - 34.00 0.825 -1.339 Total width as supplied 90.18 mm (3.550 inches) including tape and carrier width. Options Prescoring Perforated score to produce multiple marker sleeves from each HT-SCE sleeve Number of prescores 1 prescore 2 prescores 3 prescores Code S1 S2 S3 Package size Standard 1K - 1000 piece packs Nonstandard Larger pack sizes are available. Please contact Tyco Electronics. Colors Standard White Black Code 9 0 Nonstandard Pink Blue Yellow Code 2L 6 4 Ordering information: Specify product name, pack size, sleeve size, prescore, format and color. Ordering example: HT-SCE-1K- 1/4-2.0-S1-9 SOG-ER33-3 BT-M 50mm (nom ) SOG-ER32-3 BT-M SOG-ER13-3 BT-M D d |
Similar Part No. - 06181526 |
|
Similar Description - 06181526 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |