Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1511M Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA1511M
Description  Preamplifier for Remote Control Signal Reception
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1511M Datasheet(HTML) 2 Page - Sony Corporation

  CXA1511M Datasheet HTML 1Page - Sony Corporation CXA1511M Datasheet HTML 2Page - Sony Corporation CXA1511M Datasheet HTML 3Page - Sony Corporation CXA1511M Datasheet HTML 4Page - Sony Corporation CXA1511M Datasheet HTML 5Page - Sony Corporation CXA1511M Datasheet HTML 6Page - Sony Corporation CXA1511M Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
– 2 –
CXA1511L/M
Pin Description
Pin voltage depends on the DC Characteristics Measurement Circuit.
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
1
2
IN
C1
2.8V
2.8V
Input pin.
Connect optical reception
diode to GND.
Connect a resistor and
capacitor in series to GND,
and set the frequency
response and gain of "Head
Amp".
When the resistor is large
and the capacitor small, the
gain is small.
When the capacitor is large,
sensitivity decreases in
relation to the transient
response.
3
C2
1.9V
Connect a detection capacitor
to GND.
When the capacitor is large,
sensitivity decreases in relation
to the mean value detection
and transient response.
When the capacitor is small,
fluctuation of the peak detection
and output pulse width
increases.
The capacitor in usage is
0.01µF (typ.). Set output pulse
width fluctuation and noise
elimination characteristics to be
optimum.
4
GND
GND pin.
Adopt a pattern design that will
allow external parts to be
located as closely as possible
to this pin. Ground them all at
the same point. The transport
distance and noise elimination
characteristics are greatly
influenced by the pattern design
surrounding the GND.
5
fo
1.4V
Connect a resistor to the
power supply.
Set the center frequency of
the built-in BPF.
See "External resistor at
Pin 5 vs. Center frequency
response" on Page 6.
VCC
40µA
VCC
47k
160k
8k
↓40µA
8k
1
2
VCC
330k
↓30µA
8k
30nA
3
VCC
VCC
8k
4p
5


Similar Part No. - CXA1511M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1510-0000-000F00G427F CREE-CXA1510-0000-000F00G427F Datasheet
2Mb / 27P
   XLamp LED
CXA1510-0000-000F00G427G CREE-CXA1510-0000-000F00G427G Datasheet
2Mb / 27P
   XLamp LED
CXA1510-0000-000F00G427H CREE-CXA1510-0000-000F00G427H Datasheet
2Mb / 27P
   XLamp LED
CXA1510-0000-000F00H227F CREE-CXA1510-0000-000F00H227F Datasheet
2Mb / 27P
   XLamp LED
More results

Similar Description - CXA1511M

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL2055 AUK-SL2055 Datasheet
220Kb / 8P
   PREAMPLIFIER FOR REMOTE CONTROL USE
logo
List of Unclassifed Man...
HL3280 ETC1-HL3280 Datasheet
60Kb / 6P
   PREAMPLIFIER FOR REMOTE CONTROL USE
HL3279 ETC1-HL3279 Datasheet
182Kb / 6P
   PREAMPLIFIER FOR REMOTE CONTROL USE
logo
LG Semicon Co.,Ltd.
GL3274 LG-GL3274 Datasheet
305Kb / 8P
   Preamplifier for Remote Control Use
logo
Daewoo Semiconductor
DBL2055 DAEWOO-DBL2055 Datasheet
405Kb / 7P
   PREAMPLIFIER FOR REMOTE CONTROL USE
logo
Hynix Semiconductor
GL3277 HYNIX-GL3277 Datasheet
31Kb / 3P
   PREAMPLIFIER FOR REMOTE CONTROL USE
logo
NEC
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
   Preamplifier for IR Remote Control
logo
Samsung semiconductor
KA2181 SAMSUNG-KA2181 Datasheet
49Kb / 3P
   REMOTE CONTROL PREAMPLIFIER
logo
NEC
UPC1373H NEC-UPC1373H Datasheet
309Kb / 6P
   REMOTE CONTROL PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com