Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2704ADA Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2704ADA
Description  DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2704ADA Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2704ADA Datasheet HTML 1Page - Advanced Linear Devices ALD2704ADA Datasheet HTML 2Page - Advanced Linear Devices ALD2704ADA Datasheet HTML 3Page - Advanced Linear Devices ALD2704ADA Datasheet HTML 4Page - Advanced Linear Devices ALD2704ADA Datasheet HTML 5Page - Advanced Linear Devices ALD2704ADA Datasheet HTML 6Page - Advanced Linear Devices ALD2704ADA Datasheet HTML 7Page - Advanced Linear Devices ALD2704ADA Datasheet HTML 8Page - Advanced Linear Devices ALD2704ADA Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704A/ALD2704B
ALD2704
ADVANCED
LINEAR
DEVICES, INC.
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to 125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD2704ASAL
ALD2704APAL
ALD2704ADA
ALD2704BSAL
ALD2704BPAL
ALD2704BDA
ALD2704SAL
ALD2704PAL
ALD2704DA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
GENERAL DESCRIPTION
The ALD2704A/ALD2704B/ALD2704 is a dual monolithic operational
amplifier with MOSFET input that has rail-to-rail input and output voltage
ranges. The input voltage range and output voltage range are very close
to the positive and negative power supply voltages. Typically the input
voltage can be beyond positive power supply voltage V+ or the negative
power supply voltage V- by up to 300mV. The output voltage swings to
within 60mV of either positive or negative power supply voltages at rated
load.
With high impedance load, the output voltage of the ALD2704A/ALD2704B/
ALD2704 approaches within 1mV of the power supply rails. This device
is designed as an alternative to the popular J-FET input operational
amplifier in applications where lower operating voltages, such as 9V
battery or ±3.25V to ±5V power supplies are being used. The ALD2704A/
ALD2704B/ALD2704 offers high slew rate of 5V/µs. It is designed and
manufactured with Advanced Linear Devices' standard enhanced ACMOS
silicon gate CMOS process, and it offers low unit cost and exceptional
reliability.
The rail-to-rail input and output feature of the ALD2704A/ALD2704B/
ALD2704 expands signal voltage range for a given operating supply
voltage and allows numerous analog serial stages to be implemented
without losing operating voltage margin. The output stage is designed to
drive up to 10mA into 400pF capacitive and 1.5KΩ resistive loads at unity
gain and up to 4000pF at a gain of 5. Short circuit protection to either
ground or the power supply rails is at approximately 15mA clamp current.
Due to complementary output stage design, the output can source and
sink 10mA into a load with symmetrical drive and is ideally suited for
applications where push-pull voltage drive is desired.
For each of the operational amplifier, the offset voltage is trimmed on-chip
to eliminate the need for external nulling in many applications.
For
precision applications, the output is designed to settle to 0.1% in 2µs. In
large signal buffer applications, the operational amplifier can function as
an ultrahigh input impedance voltage follower /buffer that allows input and
output voltage swings from positive to negative supply voltages. This
feature is intended to greatly simplify systems design and eliminate higher
voltage power supplies in many applications. Additionally, robust design
and rigorous screening make this device especially suitable for operation
in temperature-extreme environments and rugged conditions.
FEATURES
• Rail-to-rail input and output voltage ranges
• Symmetrical push-pull output drives
• Output settles to 2mV of supply rails
• 5.0V/µs slew rate
• High capacitive load capability -- up to 4000pF
• No frequency compensation required -- unity
gain stable
• Extremely low input bias currents -- <1.0pA
typical (20pA max.)
• Ideal for high source impedance applications
• High voltage gain -- typically 100V/mV
• Output short circuit protected
• Unity gain bandwidth of 2.1MHz
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver
• Capacitive sensor amplifier
• Piezoelectric transducer amplifier
PIN CONFIGURATION
TOP VIEW
SAL, PAL, DA PACKAGES
1
2
3
4
8
7
6
5
OUT A
-IN A
+IN A
V+
-IN B
+IN B
V -
OUT B


Similar Part No. - ALD2704ADA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2704ADA ALD-ALD2704ADA Datasheet
49Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2704ADA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
   Rail-to-rail CMOS dual operational amplifier
November 2012 Rev 7
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS3V912 STMICROELECTRONICS-TS3V912 Datasheet
117Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com