Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS465169 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS465169
Description  4 194304 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS465169 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS465169 Datasheet HTML 7Page - Texas Instruments TMS465169 Datasheet HTML 8Page - Texas Instruments TMS465169 Datasheet HTML 9Page - Texas Instruments TMS465169 Datasheet HTML 10Page - Texas Instruments TMS465169 Datasheet HTML 11Page - Texas Instruments TMS465169 Datasheet HTML 12Page - Texas Instruments TMS465169 Datasheet HTML 13Page - Texas Instruments TMS465169 Datasheet HTML 14Page - Texas Instruments TMS465169 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TMS465169, TMS465169P
4194304 BY 16BIT EXTENDED DATA OUT
DYNAMIC RANDOMACCESS MEMORIES
SMHS566B − JUNE 1997 − REVISED APRIL 1998
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (see Note 4) (continued)
’465169/P - 50
’465169/P - 60
UNIT
MIN
MAX
MIN
MAX
UNIT
tOED
Delay time, OE to data in
13
15
ns
tRAD
Delay time, RAS to column address (see Note 11)
10
25
12
30
ns
tRAL
Delay time, column address to RAS precharge
25
30
ns
tCAL
Delay time, column address to xCAS precharge
15
18
ns
tRCD
Delay time, RAS to xCAS (see Note 11)
12
37
14
45
ns
tRPC
Delay time, RAS precharge to xCAS
5
5
ns
tRSH
Delay time, xCAS active to RAS precharge
8
10
ns
tRWD
Delay time, RAS active to write command (read-write only)
67
79
ns
tCPW
Delay time, xCAS precharge to write command (read-write only)
45
54
ns
tRASS
Pulse duration, RAS active, self-refresh (see Note 12)
100
100
µs
tRPS
Pulse duration, RAS precharge after self refresh
90
110
ns
tREF
Refresh time interval
’465169
64
64
ms
tREF
Refresh time interval
’465169P
128
128
ms
tT
Transition time
1
50
1
50
ns
NOTES:
4. With ac parameters, it is assumed that tT = 2 ns.
11. The maximum value is specified only to assure access time.
12. During the period of 10
µs ≤ tRASS ≤ 100 µs, the device is in transition state from normal operational mode to self-refresh mode.


Similar Part No. - TMS465169

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS465169P TI-TMS465169P Datasheet
463Kb / 30P
[Old version datasheet]   DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS465169

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS418169A TI-TMS418169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
National Semiconductor ...
TMS416409A NSC-TMS416409A Datasheet
515Kb / 37P
   4194304 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Texas Instruments
TMS464409 TI1-TMS464409 Datasheet
520Kb / 33P
[Old version datasheet]   16 777 216 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS417809A TI1-TMS417809A Datasheet
427Kb / 29P
[Old version datasheet]   2097152 BY 8-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com