Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETA1585 Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 5 Page - Texas Instruments

  TNETA1585 Datasheet HTML 1Page - Texas Instruments TNETA1585 Datasheet HTML 2Page - Texas Instruments TNETA1585 Datasheet HTML 3Page - Texas Instruments TNETA1585 Datasheet HTML 4Page - Texas Instruments TNETA1585 Datasheet HTML 5Page - Texas Instruments TNETA1585 Datasheet HTML 6Page - Texas Instruments TNETA1585 Datasheet HTML 7Page - Texas Instruments TNETA1585 Datasheet HTML 8Page - Texas Instruments TNETA1585 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
receive-UTOPIA interface
TERMINAL
RESET
NAME
NO.
PGF
NO.
PCM
I/O
RESET
STATE
DESCRIPTION
RXCLK
26
24
I (TTL)
I
Receive clock. RXCLK is the data transfer/synchronization clock for
synchronizing transfers on RXDATA.
22
20 18
20
RXDATA7–
20–18
16
20
18–15
I (TTL)
I
Receive data Eight bit data lines RXDATA7 is the most significant bit
RXDATA7
RXDATA0
14
12
13–12
10
I (TTL)
I
Receive data. Eight-bit data lines. RXDATA7 is the most significant bit.
12
10
10
RXCLAV
24
22
I (TTL)
I
Receive-cell available. RXCLAV is an indication that a transfer of a complete
cell can be accepted.
RXEN
25
23
I (TTL)
I
Receive enable. RXEN indicates to the TNETA1585 when RXDATA contains
a valid byte.
RXSOC
23
21
I (TTL)
I
Receive start of cell. RXSOC is received by the device when RXDATA contains
the first valid byte of the cell.
parameter-memory interface
TERMINAL
RESET
NAME
NO.
PGF
NO.
PCM
I/O
RESET
STATE
DESCRIPTION
171
169–167
165
155
153–151
PMAD15–
165
163–162
153–151
149–147
O (CMOS)
Low
Parameter-memory address. PMAD15–PMAD0 provides a 16-bit
PMAD15
PMAD0
159–157
155 153
145–143
141 139
O (CMOS)
Low
y
physical address to the parameter memory.
155–153
151–150
141–139
137–135
151 150
148
137 135
143
141 139
141–139
137 135
131
137–135
133–131
129–127
133 131
129–127
125–123
121 119
125–123
121
121–119
117–115
PMDATA31–
121
119 118
117 115
113–111
I/O
Low
Parameter-memory data. PMDATA31–PMDATA0 provides 32-bit data
PMDATA31
PMDATA0
119–118
115–113
109–107
10
103
(TTL/CMOS)
Low
y
to/from the parameter memory.
115 113
111–109
105–103
101 99
107–106
104
101–99
97–95
104
102
97 95
93–91
102
100–99
89
100 99
97
PMWE
146
133
O (CMOS)
High
Parameter-memory write enable. The address and data are valid when
PMWE is low.
PMAD15
172
156
O (CMOS)
High
Inverse of PMAD15. PMAD15 can be used with PMAD15 to provide
SRAM bank switching.
PMOE
144
132
O (CMOS)
High
Parameter-memory output enable. The PMAD15–PMAD0 address is
valid when PMOE is low. Data is read into the TNETA1585 on the rising
edge of PMOE.


Similar Part No. - TNETA1585

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500APCM TI1-TNETA1500APCM Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500APGE TI1-TNETA1500APGE Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500PCM TI1-TNETA1500PCM Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
More results

Similar Description - TNETA1585

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73487 PMC-PM73487 Datasheet
3Mb / 251P
   622 Mbps ATM Traffic Management Device
PM73487-1 PMC-PM73487-1 Datasheet
45Kb / 2P
   622 MBPS ATM Traffic Management Device
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
M/A-COM Technology Solu...
28236-DSH-001-B MA-COM-28236-DSH-001-B Datasheet
4Mb / 443P
   ATM ServiceSAR Plus with xBR Traffic Management
28236-DSH-001-B MA-COM-28236-DSH-001-B_15 Datasheet
4Mb / 443P
   ATM ServiceSAR Plus with xBR Traffic Management
logo
PMC-Sierra, Inc
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
   ATM TRAFFIC MANAGER AND SWITCH
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
   ATM/PACKET Traffic Manager and Switch
logo
Synaptics Incorporated.
CN8223 CONEXANT-CN8223 Datasheet
1Mb / 161P
   ATM Transmitter/Receiver with UTOPIA Interface
logo
PMC-Sierra, Inc
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
   ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
   ATM/PACKET TRAFFIC MANAGER AND SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com