Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETA1585 Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 4Page - Texas Instruments TNETA1585 Datasheet HTML 5Page - Texas Instruments TNETA1585 Datasheet HTML 6Page - Texas Instruments TNETA1585 Datasheet HTML 7Page - Texas Instruments TNETA1585 Datasheet HTML 8Page - Texas Instruments TNETA1585 Datasheet HTML 9Page - Texas Instruments TNETA1585 Datasheet HTML 10Page - Texas Instruments TNETA1585 Datasheet HTML 11Page - Texas Instruments TNETA1585 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
slave-control interface (continued)
Table 1. Slave-Control Interface Register Map
DESCRIPTION
HOST/SAR
ASSOCIATED
R/W
CONTROL
MEMORY ADDRESS
(TNETA1575)
PCI OFFSET
ADDRESS
(TNETA1575)
Next-cell register
SAR
R
h10000
h40000
RM-cell-contents FIFO A
SAR
R
h10001
h40004
RM-cell-contents FIFO B
SAR
R
h10002
h40008
RM-cell-contents FIFO C
SAR
R
h10003
h4000C
RM-cell-contents FIFO D
SAR
R
h10004
h40010
Reserved
N/A
N/A
h10005–7
h40014–1C
Configuration register
Host
R/W
h10008
h40020
Status register
Host
R
h10009
h40024
Interrupt-mask register
Host
R/W
h1000A
h40028
Schedule-on register
Host
W
h1000B
h4002C
Schedule-off register
Host
W
h1000C
h40030
Read-address register
Host
R/W
h1000D
h40034
Read-data register
Host
R
h1000E
h40038
Write-address register
Host
R/W
h1000F
h4003C
Write-data register
Host
W
h10010
h40040
Clock-frequency register
Host
R/W
h10011
h40044
Revision-number register
Host
R
h10012
h40048
ACR-low register
Host
R
h10013
h4004C
ACR-OK register
Host
R
h10014
h40050
Reserved
N/A
N/A
h10015–19
h40054–64
General-purpose registers
Host
R/W
h1001A–1D
h40068–74
Reserved
N/A
N/A
h100IE–3F
h40078–FC
The following describes the SAR-associated registers with respect to what the TNETA1575 requires of the
interface. However, these registers can be used by other COPI-compliant ATM-layer devices to assist in the
scheduling of cells and the generation of RM cells.
next-cell register
The TNETA1575 uses the next-cell register to determine if one of the TNETA1585’s scheduled connections is
ready to transmit and, if so, which channel and what type of cell (i.e., data, forward RM, backward RM). This
register is read only.
READY
CELL COUNT
RESERVED
CHANNEL NUMBER
CLP
CELL TYPE
BIT
31
30–26
25–15
14–4
3
2–0
Bit 31 (ready). The TNETA1585 sets bit 31 to indicate that the contents of the register are valid and ready to
read.
Bits 30–26 (cell count). This field indicates the number of cells (minus one) that are to be sent by the SAR for
this particular channel. A zero entry tells the SAR to send a single cell and an all-ones entry tells the SAR to
send 32 cells.


Similar Part No. - TNETA1585

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500APCM TI1-TNETA1500APCM Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500APGE TI1-TNETA1500APGE Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500PCM TI1-TNETA1500PCM Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
More results

Similar Description - TNETA1585

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73487 PMC-PM73487 Datasheet
3Mb / 251P
   622 Mbps ATM Traffic Management Device
PM73487-1 PMC-PM73487-1 Datasheet
45Kb / 2P
   622 MBPS ATM Traffic Management Device
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
M/A-COM Technology Solu...
28236-DSH-001-B MA-COM-28236-DSH-001-B Datasheet
4Mb / 443P
   ATM ServiceSAR Plus with xBR Traffic Management
28236-DSH-001-B MA-COM-28236-DSH-001-B_15 Datasheet
4Mb / 443P
   ATM ServiceSAR Plus with xBR Traffic Management
logo
PMC-Sierra, Inc
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
   ATM TRAFFIC MANAGER AND SWITCH
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
   ATM/PACKET Traffic Manager and Switch
logo
Synaptics Incorporated.
CN8223 CONEXANT-CN8223 Datasheet
1Mb / 161P
   ATM Transmitter/Receiver with UTOPIA Interface
logo
PMC-Sierra, Inc
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
   ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
   ATM/PACKET TRAFFIC MANAGER AND SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com