Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC1021AQDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC1021AQDRQ1
Description  LIN PHYSICAL INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC1021AQDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC1021AQDRQ1 Datasheet HTML 1Page - Texas Instruments TPIC1021AQDRQ1 Datasheet HTML 2Page - Texas Instruments TPIC1021AQDRQ1 Datasheet HTML 3Page - Texas Instruments TPIC1021AQDRQ1 Datasheet HTML 4Page - Texas Instruments TPIC1021AQDRQ1 Datasheet HTML 5Page - Texas Instruments TPIC1021AQDRQ1 Datasheet HTML 6Page - Texas Instruments TPIC1021AQDRQ1 Datasheet HTML 7Page - Texas Instruments TPIC1021AQDRQ1 Datasheet HTML 8Page - Texas Instruments TPIC1021AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
RXD
TXD
NWake
INH
EN
LIN
GND
Receiver
Filter
TPIC1021A
VSUP
VSUP
Wake Up, State,
and INH Control
Fault
Detection
and Protection
Driver
With Slope
Control
Dominant
State
Timeout
VSUP/2
Filter
TPIC1021A-Q1
www.ti.com.......................................................................................................................................................... SLIS117A – AUGUST 2007 – REVISED JUNE 2009
LIN PHYSICAL INTERFACE
• LIN Physical Layer Specification Revision 2.0
• Dominant State Timeout Protection
Compliant and Conforms to SAEJ2602
• Wake-Up Request on RXD Pin
Recommended Practice for LIN
• Control of External Voltage Regulator (INH Pin)
• LIN Bus Speed up to 20-kbps LIN Specified
• Integrated Pullup Resistor and Series Diode
Maximum
for LIN Slave Applications
• Sleep Mode: Ultralow Current Consumption,
• Low Electromagnetic Emission (EME), High
Allows Wake-Up Events From LIN Bus,
Electromagnetic Immunity (EMI)
Wake-Up Input (External Switch), or Host MCU
• Bus Terminal Short Circuit Protected for
• High-Speed Receive Capable
Short to Battery or Short to Ground
• ESD Protection to ±12 kV (Human-Body Model)
• Thermally Protected
on LIN Pin
• Ground Disconnection Fail Safe at System
• LIN Pin Handles Voltage From –40 V to 40 V
Level
• Survives Transient Damage in Automotive
• Ground Shift Operation at System Level
Environment (ISO 7637)
• Unpowered Node Does Not Disturb the
• Extended Operation With Supply From 7 V to
Network
27 V DC (LIN Specification 7 V to 18 V)
• Supports ISO9141 (K-Line)-Like Functions
• Interfaces to MCU With 5-V or 3.3-V I/O Pins
FUNCTIONAL BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPIC1021AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DG4 TI1-TPIC1021DG4 Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DR TI1-TPIC1021DR Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DRG4 TI1-TPIC1021DRG4 Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results

Similar Description - TPIC1021AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Texas Instruments
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   LIN AND MOST ECL PHYSICAL INTERFACE
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
   LIN 2.1 / SAEJ2602-2, LIN Physical Layer
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
   LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com