Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM501V-NL Datasheet(PDF) 7 Page - Formosa MS

Part # FM501V-NL
Description  100mA Surface Mount Small Signal Schottky Diode-40V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM501V-NL Datasheet(HTML) 7 Page - Formosa MS

  FM501V-NL Datasheet HTML 1Page - Formosa MS FM501V-NL Datasheet HTML 2Page - Formosa MS FM501V-NL Datasheet HTML 3Page - Formosa MS FM501V-NL Datasheet HTML 4Page - Formosa MS FM501V-NL Datasheet HTML 5Page - Formosa MS FM501V-NL Datasheet HTML 6Page - Formosa MS FM501V-NL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FM501V-NL
Document ID
Issued Date
Revised Date
Revision
Page.
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Thermal Shock
9. Forward Surge
10. Humidity
11. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =125 C for 168 hrs.
R
J
O
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
O
15P
at T =121 C for 4 hrs.
SIG
A
O
O
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
O
O
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
O
at T =85 C, RH=85% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
±
C
±
60Hz for 1cycle
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
High reliability test capabilities
Small Signal Schottky Diode
DS-12161D
2008/02/10
2010/03/10
D
7


Similar Part No. - FM501V-NL

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
SHENZHEN FUMAN ELECTRON...
FM5010F FUMAN-FM5010F Datasheet
647Kb / 8P
   Mobile small fan control IC
logo
Rectron Semiconductor
FM501B RECTRON-FM501B Datasheet
313Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - FM501V-NL

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM500V-NL FORMOSA-FM500V-NL Datasheet
98Kb / 7P
   100mA Surface Mount Small Signal Schottky Barrier Dode-40V
RB520G FORMOSA-RB520G_10 Datasheet
171Kb / 7P
   100mA Surface Mount Small Signal Schottky Diode- 30V
BAS40WS FORMOSA-BAS40WS_10 Datasheet
169Kb / 7P
   200mA Surface Mount Small Signal Schottky Diode-40V
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
SD103AWS FORMOSA-SD103AWS_11 Datasheet
90Kb / 7P
   350mA Surface Mount Small Signal Schottky Diode -20V-40v
SD103ATW FORMOSA-SD103ATW_10 Datasheet
95Kb / 7P
   175mA Surface Mount Small Signal Schottky Diode Array-40V
logo
Frontier Electronics.
ASD501V FRONTIER-ASD501V Datasheet
118Kb / 2P
   100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD500V-LFR FRONTIER-ASD500V-LFR Datasheet
118Kb / 2P
   100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD500V FRONTIER-ASD500V Datasheet
118Kb / 2P
   100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com