Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5120-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5120-Q1
Description  DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5120-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS5120-Q1 Datasheet HTML 5Page - Texas Instruments TPS5120-Q1 Datasheet HTML 6Page - Texas Instruments TPS5120-Q1 Datasheet HTML 7Page - Texas Instruments TPS5120-Q1 Datasheet HTML 8Page - Texas Instruments TPS5120-Q1 Datasheet HTML 9Page - Texas Instruments TPS5120-Q1 Datasheet HTML 10Page - Texas Instruments TPS5120-Q1 Datasheet HTML 11Page - Texas Instruments TPS5120-Q1 Datasheet HTML 12Page - Texas Instruments TPS5120-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TPS5120Q1
DUAL OUTPUT, TWOPHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
SGLS225B − JANUARY 2004 − REVISED APRIL 2008
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended free-air temperature range, VCC = 7 V (unless
otherwise noted)
reference voltage
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Reference voltage
0.85
V
TA = 25°C,
I = 50
µA
−1%
1%
Vref(tol) Reference voltage tolerance
TJ = −20°C to 125°C,
I = 50
µA
−1.5%
1.5%
Vref(tol) Reference voltage tolerance
TJ = −40°C to 125°C,
I = 50
µA
−2%
2%
R(egin)
Line regulation
VCC = 4.5 V to 28 V,
I = 50
µA
0.05
3
mV
R(egl)
Load regulation
I = 0.1
µA to 1 mA
0.15
5
mV
oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fosc
Frequency
PWM mode,
CT = 44 pF,
TA = 25 °C
300
kHz
VOH
High level output voltage
DC
1
1.1
1.2
V
VOH
High level output voltage
fosc = 300 kHz
1.17
V
VOL
Low level output voltage
DC
0.4
0.5
0.6
V
VOL
Low level output voltage
fosc = 300 kHz
0.43
V
error amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
TA = 25°C
2
10
mV
Open-loop voltage gain
50
dB
Unity-gain bandwidth
2.5
MHz
I(snk)
Output sink current
VO = 1 V
0.3
0.7
mA
I(src)
Output source current
VO = 1 V
0.2
0.9
mA
skip comparator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vhys
Hysteresis window
SKIP mode
9
mV
duty control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DUTY
Maximum duty cycle
300 kHz,
VI = 0 V
83%
control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
STBY1, STBY2
2.2
V
VIH
High-level input voltage
PWM/SKIP, 5V_STBY
2.2
V
VIL
Low-level input voltage
STBY1, STBY2
0.3
V
VIL
Low-level input voltage
PWM/SKIP, 5V_STBY
0.3
V
5-V internal switch
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(TO_H)
Threshold
4.2
4.8
V
V(TO_L)
Threshold
4.1
4.7
V
Vhys
Hysteresis
30
200
mV


Similar Part No. - TPS5120-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results

Similar Description - TPS5120-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com