Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C0G1E105WTXXXX Datasheet(PDF) 9 Page - TDK Electronics

Part # C0603C0G1E105WTXXXX
Description  General Application
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603C0G1E105WTXXXX Datasheet(HTML) 9 Page - TDK Electronics

Back Button C0603C0G1E105WTXXXX Datasheet HTML 5Page - TDK Electronics C0603C0G1E105WTXXXX Datasheet HTML 6Page - TDK Electronics C0603C0G1E105WTXXXX Datasheet HTML 7Page - TDK Electronics C0603C0G1E105WTXXXX Datasheet HTML 8Page - TDK Electronics C0603C0G1E105WTXXXX Datasheet HTML 9Page - TDK Electronics C0603C0G1E105WTXXXX Datasheet HTML 10Page - TDK Electronics C0603C0G1E105WTXXXX Datasheet HTML 11Page - TDK Electronics C0603C0G1E105WTXXXX Datasheet HTML 12Page - TDK Electronics C0603C0G1E105WTXXXX Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 11
Capacitance
Range Chart
C0603 [EIA CC0201]
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC)
Rated Voltage: 50V (1H), 25V (1E)
Standard Thickness
• Standard capacitance is shown. Please refer to Capacitance Range Table for additional capacitance values.
0.30 mm
Capacitance
(pF)
Cap
Code
Tolerance
C0G
1H
(50V)
1E
(25V)
0.2
0R2
W: ± 0.05pF
B: ± 0.10pF
C: ± 0.25pF
D: ± 0.50pF
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.75
R75
0.8
0R8
0.9
0R9
1
010
1.1
1R1
1.2
1R2
1.3
1R3
1.5
1R5
1.6
1R6
1.8
1R8
2
020
2.2
2R2
2.4
2R4
2.7
2R7
3
030
3.3
3R3
3.6
3R6
3.9
3R9
4.3
4R3
4.7
4R7
5.1
5R1
5.6
5R6
6.2
6R2
Capacitance
(pF)
Cap
Code
Tolerance
C0G
1H
(50V)
1E
(25V)
6.8
6R8
B: ± 0.10pF
E: ± 0.20pF
C: ± 0.25pF
D: ± 0.50pF
G: ± 2%
J: ± 5%
7.5
7R5
8.2
8R2
9.1
9R1
10
100
11
110
12
120
13
130
15
150
16
160
18
180
20
200
22
220
24
240
27
270
30
300
33
330
36
360
39
390
43
430
47
470
51
510
56
560
62
620
68
680
75
750
82
820
91
910
100
101


Similar Part No. - C0603C0G1E105WTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603C0G1E100CT TDK-C0603C0G1E100CT Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E100D TDK-C0603C0G1E100D Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C0603C0G1E100D TDK-C0603C0G1E100D Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E100D TDK-C0603C0G1E100D Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E100D TDK-C0603C0G1E100D Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0603C0G1E105WTXXXX

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
   General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com