Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76316QDBVRG4Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76316QDBVRG4Q1
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76316QDBVRG4Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS76316QDBVRG4Q1 Datasheet HTML 1Page - Texas Instruments TPS76316QDBVRG4Q1 Datasheet HTML 2Page - Texas Instruments TPS76316QDBVRG4Q1 Datasheet HTML 3Page - Texas Instruments TPS76316QDBVRG4Q1 Datasheet HTML 4Page - Texas Instruments TPS76316QDBVRG4Q1 Datasheet HTML 5Page - Texas Instruments TPS76316QDBVRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS76316QDBVRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS76316QDBVRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS76316QDBVRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPS76301Q1, TPS76316Q1, TPS76318Q1, TPS76325Q1, TPS76327Q1
TPS76328Q1, TPS76330Q1, TPS76333Q1, TPS76338Q1, TPS76350Q1
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SGLS247A − JUNE 2004 − REVISED JUNE 2008
www.ti.com
4
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = IN, Co = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.25 V > VI ≥ 2.7 V,
2.5 V
≥ VO ≥ 1.5 V,
IO = 1 mA to 75 mA,
TJ = 25°C
0.98 VO
VO
1.02 VO
3.25 V > VI ≥ 2.7 V,
2.5 V
≥ VO ≥ 1.5 V
IO = 1 mA to 75 mA,
0.97 VO
VO
1.03 VO
TPS76301
VI ≥ 3.25 V,
5 V
≥ VO ≥ 1.5 V
IO = 1 mA to 100 mA,
TJ = 25°C
0.98 VO
VO
1.02 VO
V
TPS76301
VI ≥ 3.25 V,
5 V
≥ VO ≥ 1.5 V
IO = 1 mA to 100 mA,
0.97 VO
VO
1.03 VO
V
VI ≥ 3.25 V,
5 V
≥ VO ≥ 1.5 V
IO = 1 mA to 150 mA,
TJ = 25°C
0.975 VO
VO
1.025 VO
VI ≥ 3.25 V,
5 V
≥ VO ≥ 1.5 V
IO = 1 mA to 150 mA,
0.9625 VO
VO 1.0375VO
VI = 2.7 V,
1 mA< IO < 75 mA,
TJ = 25°C
1.568
1.6
1.632
VI = 2.7 V,
1 mA< IO < 75 mA
1.552
1.6
1.648
TPS76316
VI = 3.25 V,
1 mA < IO < 100 mA,
TJ = 25°C
1.568
1.6
1.632
V
TPS76316
VI = 3.25 V,
1 mA < IO < 100 mA
1.552
1.6
1.648
V
VI = 3.25 V,
1 mA < IO < 150 mA,
TJ = 25°C
1.56
1.6
1.640
VI = 3.25 V,
1 mA < IO < 150 mA
1.536
1.6
1.664
VI = 2.7 V,
1 mA< IO < 75 mA,
TJ = 25°C
1.764
1.8
1.836
VO
Output voltage
VI = 2.7 V,
1 mA< IO < 75 mA
1.746
1.8
1.854
VO
Output voltage
TPS76318
VI = 3.25 V,
1 mA < IO < 100 mA,
TJ = 25°C
1.764
1.8
1.836
V
TPS76318
VI = 3.25 V,
1 mA < IO < 100 mA
1.746
1.8
1.854
V
VI = 3.25 V,
1 mA < IO < 150 mA,
TJ = 25°C
1.755
1.8
1.845
VI = 3.25 V,
1 mA < IO < 150 mA
1.733
1.8
1.867
IO = 1 mA to 100 mA,
TJ = 25°C
2.45
2.5
2.55
TPS76325
IO = 1 mA to 100 mA
2.425
2.5
2.575
V
TPS76325
IO = 1 mA to 150 mA,
TJ = 25°C
2.438
2.5
2.562
V
IO = 1 mA to 150 mA
2.407
2.5
2.593
IO = 1 mA to 100 mA,
TJ = 25°C
2.646
2.7
2.754
TPS76327
IO = 1 mA to 100 mA
2.619
2.7
2.781
V
TPS76327
IO = 1 mA to 150 mA,
TJ = 25°C
2.632
2.7
2.767
V
IO = 1 mA to 150 mA
2.599
2.7
2.801
IO = 1 mA to 100 mA,
TJ = 25°C
2.744
2.8
2.856
TPS76328
IO = 1 mA to 100 mA
2.716
2.8
2.884
V
TPS76328
IO = 1 mA to 150 mA,
TJ = 25°C
2.73
2.8
2.87
V
IO = 1 mA to 150 mA
2.695
2.8
2.905
IO = 1 mA to 100 mA,
TJ = 25°C
2.94
3
3.06
TPS76330
IO = 1 mA to 100 mA
2.91
3
3.09
V
TPS76330
IO = 1 mA to 150 mA,
TJ = 25°C
2.925
3
3.075
V
IO = 1 mA to 150 mA
2.888
3
3.112


Similar Part No. - TPS76316QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76316QDBVRG4Q1 TI1-TPS76316QDBVRG4Q1 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
More results

Similar Description - TPS76316QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com