Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1599Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA1599Q
Description  1-chip Cassette Deck
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1599Q Datasheet(HTML) 5 Page - Sony Corporation

  CXA1599Q Datasheet HTML 1Page - Sony Corporation CXA1599Q Datasheet HTML 2Page - Sony Corporation CXA1599Q Datasheet HTML 3Page - Sony Corporation CXA1599Q Datasheet HTML 4Page - Sony Corporation CXA1599Q Datasheet HTML 5Page - Sony Corporation CXA1599Q Datasheet HTML 6Page - Sony Corporation CXA1599Q Datasheet HTML 7Page - Sony Corporation CXA1599Q Datasheet HTML 8Page - Sony Corporation CXA1599Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
– 5 –
CXA1599Q
VEE
VCC
VCC
VEE
PVEE
× 11
10P
× 35
× 4
500
1k
3k
1k
× 35
× 7
10K
45k
5P
11
12
Output of headphone
volume
Pin
No.
11
12
Symbol
DC
voltage
I/O
I/O
resistance
HP
OUT1
HP
OUT2
0.0V
O
0
Output of level meter
amplifier
13
14
METER1
METER2
0.0V
O
During positive/negative
dual power supply
→ Connect to negative
power supply.
During single power
supply
→ Connect to GND.
15
16
PVEE
VEE
–7.0V
Positive power supply.
17
Vcc
7.0V
Connect to GND.
18
DGND
0.0V
Power supply for
control.
19
DVcc
5.0V
60k
Equivalent circuit
Description
VCC
VCC
VEE
VEE
× 11
13
14
10k
150
× 4
To PVEE
15
To VEE
16
To VCC
17
To DGND
18
30k
VEE
VCC
VEE DGND
To each DREF
19
30k
VCC
× 4
500
500
15k
× 2


Similar Part No. - CXA1599Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1592 SONY-CXA1592 Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
CXA1592Q SONY-CXA1592Q Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
CXA1592R SONY-CXA1592R Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
CXA1594 SONY-CXA1594 Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
logo
List of Unclassifed Man...
CXA1594 ETC2-CXA1594 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CXA1599Q

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12167FB HITACHI-HA12167FB Datasheet
524Kb / 73P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Panasonic Semiconductor
AN6262N PANASONIC-AN6262N Datasheet
58Kb / 5P
   Pause Detection Circuits of Radio Cassette, Cassette Deck
logo
Sony Corporation
CXA1198AP SONY-CXA1198AP Datasheet
283Kb / 13P
   STEREO CASSETTE DECK RECORDING EQUALIZER
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
logo
Renesas Technology Corp
HA12237F RENESAS-HA12237F Datasheet
316Kb / 33P
   Audio Signal Processor for Cassette Deck
logo
Hitachi Semiconductor
HA12006 HITACHI-HA12006 Datasheet
513Kb / 7P
   Electronic Controller for Cassette Tape Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
logo
Renesas Technology Corp
HA12230NT RENESAS-HA12230NT Datasheet
325Kb / 34P
   Audio Signal Processor for Cassette Deck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com