Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60AD18-4-020L Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 60AD18-4-020L
Description  Optical Encoder with integrated Joystick and Pushbutton
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

60AD18-4-020L Datasheet(HTML) 1 Page - Grayhill, Inc

  60AD18-4-020L Datasheet HTML 1Page - Grayhill, Inc 60AD18-4-020L Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
CABLE LENGTH
±.200
[±5,08]
Ø1.000
25,4
[
]
.436
11,07
[
]
.537
13,64
[
]
.040
1,02
[
]
.886
22,5
[
]
.950
24,13
[
]
.460
11,68
[
]
.219
5,56
[
]
.250
6,35
[
]
PIVOT POINT
.125
3,18
[
]
.591
15,01
[
]
.628
15,95
[
]
Ø.810
20,57
[
]
.380
9,65
[
]
Ø.050
1,27
[
]
.582
14,78
[
]
.205
5,21
[
]
.407
10,34
[
]
.615
15,62
[
]
.945
24
[
]
.120
3,05
[
Ø
M17X1 THREAD
SerieS 60AD
Optical encoder with integrated
Joystick and Pushbutton
FeATUreS
• Dome contacts provide excellent tactile feedback in all directions
• Choices of actuation force, cable length and termination
• Customized solutions available
APPLiCATiONS
• Aerospace
• Automotive
• Medical devices
DiMeNSiONS in inches (and millimeters)
Unless otherwise specified, standard tolerance are:
Linear ± .025
Diameter ± .010
Angle ± 2.0°
Angle of Throw: 18= 18° or 20 positions
Joystick: 4= Four contacts & directions;
8= Four contacts & eight directions
60AD18-4-M-060S
Termination: 0.050" center P= pin header; C= connector; S= stripped cable
Cable Length: 020 thru 250 in 1/2 inch increments, 060= 6.0 inch cable
Force Option: (see table) L=low, M=medium, H=high
OrDeriNg iNFOrMATiON
For prices and custom configurations, contact a local sales office, an authorized distributor, or Grayhill's sales department.
OPTION
L
M
H
1 ACTUATION FORCE (JOYSTICK) [g]
550±200
725±200
1050±250
2 ACTUATION FORCE (PUSHBUTTON) [g]
625±200
800±200
1100±250
3 AVERAGE ROTATIONAL TORQUE [in-oz]
1.50±0.75
3.50±1.75
5.00±2.00


Similar Part No. - 60AD18-4-020L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
60AD18-4-M-060S GRAYHILL-60AD18-4-M-060S_13 Datasheet
1Mb / 2P
   Optical Encoder with integrated Joystick and Pushbutton
More results

Similar Description - 60AD18-4-020L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
60AD18-4-M-060S GRAYHILL-60AD18-4-M-060S_13 Datasheet
1Mb / 2P
   Optical Encoder with integrated Joystick and Pushbutton
60AR18-4-060S GRAYHILL-60AR18-4-060S Datasheet
312Kb / 2P
   Three-in-One Joystick, Optical Encoder and Pushbutton
60C22-M7-4-060S GRAYHILL-60C22-M7-4-060S Datasheet
557Kb / 3P
   Three-in-One Joystick, Optical Encoder and Pushbutton
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
   JOYSTICK ENCODER
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
   JOYSTICK ENCODER
logo
C&K Components
ENC CK-COMPONENTS-ENC Datasheet
398Kb / 4P
   Optical Encoder
13 Sep 22
logo
Holtek Semiconductor In...
HT82J97E HOLTEK-HT82J97E_08 Datasheet
305Kb / 44P
   USB Joystick Encoder 8-Bit MCU
logo
Lin Eng. Inc.
E8T LINENGINEERING-E8T Datasheet
453Kb / 4P
   OPTICAL ENCODER
E4T LINENGINEERING-E4T Datasheet
365Kb / 5P
   OPTICAL ENCODER
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com