Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1600P Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA1600P
Description  8-pin Single-chip AM Radio with Built-in Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1600P Datasheet(HTML) 1 Page - Sony Corporation

  CXA1600P Datasheet HTML 1Page - Sony Corporation CXA1600P Datasheet HTML 2Page - Sony Corporation CXA1600P Datasheet HTML 3Page - Sony Corporation CXA1600P Datasheet HTML 4Page - Sony Corporation CXA1600P Datasheet HTML 5Page - Sony Corporation CXA1600P Datasheet HTML 6Page - Sony Corporation CXA1600P Datasheet HTML 7Page - Sony Corporation CXA1600P Datasheet HTML 8Page - Sony Corporation CXA1600P Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
—1—
E92311B8X
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
7V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
Operating Conditions
Supply voltage
VCC
1.8 to 4.5
V
Description
The CXA1600M/P is an 8-pin single-chip bipolar IC
for AM radios. This IC includes all functions from
the front-end to the power amplifier.
The CXA1600M/P doesn’t require any external
filter, making external ceramic filter attachment
unnecessary.
Features
• EIAJ output=100 mW (typ.)
(VCC=3 V, RL=8
Ω)
• Built-in electrical volume control.
• No ceramic filter required.
• Few peripheral components.
Applications
AM radio
Structure
Bipolar silicon monolithic IC
8-pin Single-chip AM Radio with Built-in Power Amplifier
CXA1600M
CXA1600P
8 pin SOP (Plastic)
8 pin DIP (Plastic)
Block Diagram
RF AMP
OVERLOAD AGC
AGC
VOL
AF POWER AMP
IF DET
IF AMP
OSC
MIXER
BPF
RF IN
OL AGC
LO OSC
VCC
AGC
VOL
GND
SP OUT
1
2
3
4
5
6
7
8
CXA1600M/P
For the availability of this product, please contact the sales office.


Similar Part No. - CXA1600P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1611N SONY-CXA1611N Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1611P SONY-CXA1611P Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1616N SONY-CXA1616N Datasheet
496Kb / 20P
   Sync Discriminator for CRT Displays
CXA1616S SONY-CXA1616S Datasheet
496Kb / 20P
   Sync Discriminator for CRT Displays
More results

Similar Description - CXA1600P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TDA1083 ATMEL-TDA1083 Datasheet
299Kb / 8P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
ARTSCHIP ELECTRONICS CO...
TDA1083 ARTSCHIP-TDA1083 Datasheet
731Kb / 8P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
TEMIC Semiconductors
TDA1083 TEMIC-TDA1083 Datasheet
316Kb / 10P
   One Chip AM/FM Radio with Audio Power Amplifier
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
logo
Toshiba Semiconductor
TA7613AP TOSHIBA-TA7613AP Datasheet
541Kb / 7P
   AM/FM RADIO IC WITH POWER AMPLIFIER
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
   FM/AM Single-Chip Radio
logo
STMicroelectronics
TDA7227 STMICROELECTRONICS-TDA7227 Datasheet
169Kb / 5P
   SINGLE-CHIP AM/FM RADIO WITH FRONT-END
logo
Wuxi Youda electronics ...
YD1191 YOUDA-YD1191 Datasheet
77Kb / 4P
   SINGLE-CHIP FM/AM RADIO IC
YD1619 YOUDA-YD1619 Datasheet
81Kb / 4P
   SINGLE-CHIP FM/AM RADIO IC
logo
Toshiba Semiconductor
TA7641BP TOSHIBA-TA7641BP Datasheet
685Kb / 9P
   AM 1 CHIP RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com