Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD4302PBL Datasheet(PDF) 9 Page - Advanced Linear Devices

Part # ALD4302PBL
Description  QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4302PBL Datasheet(HTML) 9 Page - Advanced Linear Devices

  ALD4302PBL Datasheet HTML 1Page - Advanced Linear Devices ALD4302PBL Datasheet HTML 2Page - Advanced Linear Devices ALD4302PBL Datasheet HTML 3Page - Advanced Linear Devices ALD4302PBL Datasheet HTML 4Page - Advanced Linear Devices ALD4302PBL Datasheet HTML 5Page - Advanced Linear Devices ALD4302PBL Datasheet HTML 6Page - Advanced Linear Devices ALD4302PBL Datasheet HTML 7Page - Advanced Linear Devices ALD4302PBL Datasheet HTML 8Page - Advanced Linear Devices ALD4302PBL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ALD4302A/ALD4302
Advanced Linear Devices
9 of 9
E E1
C
e1
ø
D
s
b1
e
b
L
A
L2
A1
L1
A
A1
b
b1
C
D-14
E
E1
e
e1
L
L1
L2
S
Ø
3.55
1.27
0.97
0.36
0.20
--
5.59
7.73
3.81
3.18
0.38
--
5.08
2.16
1.65
0.58
0.38
19.94
7.87
8.26
5.08
--
1.78
2.49
15°
Millimeters
Inches
Min
Max
Min
Max
Dim
0.140
0.050
0.038
0.014
0.008
--
0.220
0.290
0.150
0.125
0.015
--
0.200
0.085
0.065
0.023
0.015
0.785
0.310
0.325
0.200
--
0.070
0.098
15°
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
14 Pin CERDIP Package
CERDIP-14 PACKAGE DRAWING


Similar Part No. - ALD4302PBL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4302PB ALD-ALD4302PB Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302PB ALD-ALD4302PB Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results

Similar Description - ALD4302PBL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302 ALD-ALD2302_10 Datasheet
75Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332A ALD-ALD2332A Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_V01 Datasheet
77Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
2019
ALD2302A ALD-ALD2302A Datasheet
56Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303 ALD-ALD4303_10 Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com