Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FK24X7R0J685K Datasheet(PDF) 4 Page - TDK Electronics

Part # FK24X7R0J685K
Description  Multilayer Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK24X7R0J685K Datasheet(HTML) 4 Page - TDK Electronics

  FK24X7R0J685K Datasheet HTML 1Page - TDK Electronics FK24X7R0J685K Datasheet HTML 2Page - TDK Electronics FK24X7R0J685K Datasheet HTML 3Page - TDK Electronics FK24X7R0J685K Datasheet HTML 4Page - TDK Electronics FK24X7R0J685K Datasheet HTML 5Page - TDK Electronics FK24X7R0J685K Datasheet HTML 6Page - TDK Electronics FK24X7R0J685K Datasheet HTML 7Page - TDK Electronics FK24X7R0J685K Datasheet HTML 8Page - TDK Electronics FK24X7R0J685K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(3/11)
003-03 / 20110517 / e4941_fk.fm
• All specifications are subject to change without notice.
FK24 AND FK14 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 50V
FK26 AND FK16 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 50V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK24 type
FK14 type
C0G
2700pF
±5%
50
FK24C0G1H272J
FK14C0G1H272J
C0G
3300pF
±5%
50
FK24C0G1H332J
FK14C0G1H332J
C0G
3900pF
±5%
50
FK24C0G1H392J
FK14C0G1H392J
C0G
4700pF
±5%
50
FK24C0G1H472J
FK14C0G1H472J
C0G
5600pF
±5%
50
FK24C0G1H562J
FK14C0G1H562J
C0G
6800pF
±5%
50
FK24C0G1H682J
FK14C0G1H682J
C0G
8200pF
±5%
50
FK24C0G1H822J
FK14C0G1H822J
C0G
10000pF
±5%
50
FK24C0G1H103J
FK14C0G1H103J
C0G
15000pF
±5%
50
FK24C0G1H153J
FK14C0G1H153J
C0G
22000pF
±5%
50
FK24C0G1H223J
FK14C0G1H223J
C0G
33000pF
±5%
50
FK24C0G1H333J
FK14C0G1H333J
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK26 type
FK16 type
C0G
4700pF
±5%
50
FK26C0G1H472J
FK16C0G1H472J
C0G
5600pF
±5%
50
FK26C0G1H562J
FK16C0G1H562J
C0G
6800pF
±5%
50
FK26C0G1H682J
FK16C0G1H682J
C0G
8200pF
±5%
50
FK26C0G1H822J
FK16C0G1H822J
C0G
10000pF
±5%
50
FK26C0G1H103J
FK16C0G1H103J
C0G
15000pF
±5%
50
FK26C0G1H153J
FK16C0G1H153J
C0G
22000pF
±5%
50
FK26C0G1H223J
FK16C0G1H223J
C0G
33000pF
±5%
50
FK26C0G1H333J
FK16C0G1H333J
C0G
47000pF
±5%
50
FK26C0G1H473J
FK16C0G1H473J
C0G
68000pF
±5%
50
FK26C0G1H683J
FK16C0G1H683J
C0G
0.1µF
±5%
50
FK26C0G1H104J
FK16C0G1H104J
4.5max.
5.0
±1.0
2.5max.
2.5max.
Dimensions in mm
FK24
FK14
2.5
±0.8
4.5max.
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03
5.5max.
5.5max.
5.0
±1.0
3.5max.
3.5max.
Dimensions in mm
FK26
FK16
2.5
±0.8
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


Similar Part No. - FK24X7R0J685K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK24X7R0J685K TDK-FK24X7R0J685K Datasheet
206Kb / 22P
   Capacitor with Multi-layer Lead
More results

Similar Description - FK24X7R0J685K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com