Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF2056 Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF2056
Description  LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF2056 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF2056 Datasheet HTML 2Page - Texas Instruments TRF2056 Datasheet HTML 3Page - Texas Instruments TRF2056 Datasheet HTML 4Page - Texas Instruments TRF2056 Datasheet HTML 5Page - Texas Instruments TRF2056 Datasheet HTML 6Page - Texas Instruments TRF2056 Datasheet HTML 7Page - Texas Instruments TRF2056 Datasheet HTML 8Page - Texas Instruments TRF2056 Datasheet HTML 9Page - Texas Instruments TRF2056 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TRF2056
LOW VOLTAGE 1.2GHz FRACTIONALN/INTEGERN SYNTHESIZER
SLWS111– NOVEMBER 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac electrical characteristics, VDD = VCCP = 2.9 V, VDDA = 3.9 V, TA = 25°C (unless otherwise noted)
(continued)
auxiliary divider
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fAUXIN
Auxiliary input frequency (ac-coupled)
PA = 1:
VI_AUXIN = 350 mVpp
50
MHz
ZAUXIN
Auxiliary input impedance
5
100
k
ZAUXIN
Auxiliary input impedance
3
pF
reference divider
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fREFIN
Reference input frequency
16.8
MHz
VI_REFIN
Reference input voltage
ac-coupled, 16.8 MHz
0.350
1
VPP
ZREFIN
Reference input impedance
100
k
ZREFIN
Reference input impedance
3
pF
timing requirements, serial data interface (see Figure 2)
MIN
MAX
UNIT
fCLOCK
Clock frequency
10
MHz
tw_CLKHI
Clock high time pulse width, CLOCK high
30
ns
tw_CLKLO
Clock low time pulse width, CLOCK low
30
ns
tsu_Data
Setup time, data valid before CLOCK
30
ns
th_Data
Hold time, data valid after CLOCK
30
ns
th_Strobe
Hold time, STROBE high before CLOCK
30
ns
tsu_Strobe
Setup time, STROBE low after CLOCK
30
ns
tw_STRBHI
STROBE high time pulse width, STROBE high
50
ns


Similar Part No. - TRF2056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050PW TI-TRF2050PW Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050PWR TI1-TRF2050PWR Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
More results

Similar Description - TRF2056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com