Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF400A-45-4E-B3K Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST39VF400A-45-4E-B3K
Description  2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF400A-45-4E-B3K Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST39VF400A-45-4E-B3K Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF400A-45-4E-B3K Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF400A-45-4E-B3K Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF400A-45-4E-B3K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF400A-45-4E-B3K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF400A-45-4E-B3K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF400A-45-4E-B3K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF400A-45-4E-B3K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF400A-45-4E-B3K Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
Product Identification
The Product Identification mode identifies the devices as
the SST39LF/VF200A, SST39LF/VF400A and SST39LF/
VF800A and manufacturer as SST. This mode may be
accessed by software operations. Users may use the
Software Product Identification operation to identify the part
(i.e.,
using
the
device
ID)
when
using
multiple
manufacturers in the same socket. For details, see Table 4
for software operation, Figure 11 for the Software ID Entry
and Read timing diagram, and Figure 18 for the Software
ID Entry command sequence flowchart.
Product Identification Mode Exit/
CFI Mode Exit
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read mode.
This command may also be used to reset the device to the
Read mode after any inadvertent transient condition that
apparently causes the device to behave abnormally, e.g.,
not read correctly. Please note that the Software ID Exit/
CFI Exit command is ignored during an internal Program or
Erase operation. See Table 4 for software command
codes, Figure 13 for timing waveform and Figure 18 for a
flowchart.
TABLE
1: PRODUCT IDENTIFICATION TABLE
Address
Data
Manufacturer’s ID
0000H
00BFH
Device ID
SST39LF/VF200A
0001H
2789H
SST39LF/VF400A
0001H
2780H
SST39LF/VF800A
0001H
2781H
T1.3 360


Similar Part No. - SST39VF400A-45-4E-B3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF400A-70-4C-B3K SST-SST39VF400A-70-4C-B3K Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A-70-4C-B3KE SST-SST39VF400A-70-4C-B3KE Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A-70-4C-C1Q SST-SST39VF400A-70-4C-C1Q Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A-70-4C-C1QE SST-SST39VF400A-70-4C-C1QE Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A-70-4C-EK SST-SST39VF400A-70-4C-EK Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39VF400A-45-4E-B3K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com