Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QKL15A64VFM4(R) Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # QKL15A64VFM4(R)
Description  Supports all KL14 and KL15 devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

QKL15A64VFM4(R) Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  QKL15A64VFM4(R) Datasheet HTML 1Page - Freescale Semiconductor, Inc QKL15A64VFM4(R) Datasheet HTML 2Page - Freescale Semiconductor, Inc QKL15A64VFM4(R) Datasheet HTML 3Page - Freescale Semiconductor, Inc QKL15A64VFM4(R) Datasheet HTML 4Page - Freescale Semiconductor, Inc QKL15A64VFM4(R) Datasheet HTML 5Page - Freescale Semiconductor, Inc QKL15A64VFM4(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc QKL15A64VFM4(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc QKL15A64VFM4(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc QKL15A64VFM4(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 Kinetis L Series
The Kinetis L series is the most scalable portfolio of ultra low-
power, mixed-signal ARM Cortex-M0+ MCUs in the
industry. The portfolio includes 5 MCU families that offer a
broad range of memory, peripheral and package options.
Kinetis L Series families share common peripherals and pin-
counts allowing developers to migrate easily within an MCU
family or between MCU families to take advantage of more
memory or feature integration. This scalability allows
developers to standardize on the Kinetis L Series for their end
product platforms, maximising hardware and software reuse
and reducing time-to-market.
Features common to all Kinetis L series families include:
• 48 MHz ARM Cortex-M0+ core
• High-speed 12/16-bit analog-to-digital converters
• 12-bit digital-to-analog converters for all series except
for KLx4 family
• High-speed analog comparators
• Low-power touch sensing with wake-up on touch from
reduced power states for all series except for KLx4
family
• Powerful timers for a broad range of applications
including motor control
• Low power focused serial communication interfaces
such as low power UART, SPI, I2C etc.
• Single power supply: 1.71V - 3.6V with multiple low-
power modes support single operation temperature: -40
~ 105 °C (exclude CSP package)
Freescale Semiconductor
Document Number:KL15PB
Product Brief
Rev. 2, 6/2012
KL14/KL15 Product Brief
Supports all KL14 and KL15 devices
© 2011–2012 Freescale Semiconductor, Inc.
Preliminary
General Business Information
Contents
1
Kinetis L Series.........................................................1
2
KL14/KL15 Sub-Family Introduction......................3
3
Block Diagram..........................................................3
4
Features.....................................................................6
5
Power modes...........................................................17
6
Revision History.....................................................19


Similar Part No. - QKL15A64VFM4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
QKL24A128ATFMCCC(R) FREESCALE-QKL24A128ATFMCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATFTCCC(R) FREESCALE-QKL24A128ATFTCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATLHCCC(R) FREESCALE-QKL24A128ATLHCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATLKCCC(R) FREESCALE-QKL24A128ATLKCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATPPCCC(R) FREESCALE-QKL24A128ATPPCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
More results

Similar Description - QKL15A64VFM4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL04Z16VFK4 FREESCALE-MKL04Z16VFK4 Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
logo
NXP Semiconductors
KL15P35M48SF0 NXP-KL15P35M48SF0 Datasheet
1Mb / 52P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
KL14P80M48SF0 NXP-KL14P80M48SF0 Datasheet
1Mb / 52P
   Kinetis KL14 Sub-Family
Rev 5 08/2014
logo
Lattice Semiconductor
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL16V8D-25LJN LATTICE-GAL16V8D-25LJN Datasheet
767Kb / 26P
   All Devices Discontinued
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
logo
Freescale Semiconductor...
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
logo
NXP Semiconductors
KL15P80M48SF0 NXP-KL15P80M48SF0 Datasheet
1Mb / 57P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com