Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C10P Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BZD27C10P
Description  VOLTAGE REGULATOR DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BZD27C10P Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BZD27C10P Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BZD27C10P Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BZD27C10P Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
Ne
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
VZ
I
@ T
Z
Z T
Z
I
@ T
Z
Z K
Z
I
@ K
Z
IR
V
@ R
V
.
m
o
NV
.
n
i
MV
.
x
a
M
A
m
A
m
µA
V
P
6
V
3
C
7
2
D
Z
B6
.
32
4
.
38
7
.
38
0
0
10
0
41
0
0
11
6
V
3
P
9
V
3
C
7
2
D
Z
B9
.
31
7
.
30
1
.
48
0
0
10
0
41
0
51
9
V
3
P
3
V
4
C
7
2
D
Z
B3
.
49
0
.
42
5
.
47
0
0
10
0
41
5
21
3
V
4
P
7
V
4
C
7
2
D
Z
B7
.
47
4
.
44
9
.
47
0
0
10
0
51
0
11
7
V
4
P
1
V
5
C
7
2
D
Z
B1
.
55
8
.
46
3
.
56
0
0
10
5
51
5
1
1
V
5
P
6
V
5
C
7
2
D
Z
B6
.
52
3
.
58
8
.
54
0
0
10
0
61
0
12
6
V
5
P
0
V
6
C
7
2
D
Z
B0
.
60
7
.
50
3
.
63
0
0
10
0
61
8
2
1
V
6
P
2
V
6
C
7
2
D
Z
B2
.
69
8
.
51
5
.
63
0
0
10
0
71
5
2
2
V
6
P
8
V
6
C
7
2
D
Z
B8
.
66
4
.
64
1
.
73
0
0
10
0
71
0
13
8
V
6
P
5
V
7
C
7
2
D
Z
B5
.
73
1
.
78
8
.
72
0
0
10
0
75
.
00
53
5
V
7
P
2
V
8
C
7
2
D
Z
B2
.
89
7
.
71
6
.
82
0
0
10
0
75
.
00
13
2
V
8
P
7
V
8
C
7
2
D
Z
B7
.
87
2
.
84
1
.
93
0
50
0
75
.
00
14
7
V
8
P
1
V
9
C
7
2
D
Z
B1
.
95
6
.
86
5
.
94
0
50
0
75
.
00
15
1
V
9
P
0
1
C
7
2
D
Z
B0
10
5
.
90
5
.
0
14
0
50
0
75
2
.
07
5
.
7P
0
1
P
1
1
C
7
2
D
Z
B1
15
4
.
0
15
5
.
1
17
0
50
0
75
2
.
04
2
.
8P
1
1
P
2
1
C
7
2
D
Z
B2
10
4
.
1
10
6
.
2
17
0
50
0
75
2
.
03
1
.
9P
2
1
P
3
1
C
7
2
D
Z
B3
15
3
.
2
15
6
.
3
10
10
50
0
75
2
.
02
0
1P
3
1
P
4
1
C
7
2
D
Z
B4
10
3
.
3
10
7
.
4
10
10
50
0
75
2
.
02
1
1P
4
1
P
5
1
C
7
2
D
Z
B5
15
2
.
4
15
7
.
5
10
10
50
0
75
2
.
01
1
1P
5
1
P
6
1
C
7
2
D
Z
B6
10
2
.
5
10
8
.
6
15
15
20
0
75
2
.
01
2
1P
6
1
P
7
1
C
7
2
D
Z
B7
15
1
.
6
15
8
.
7
15
15
20
5
75
2
.
01
3
1P
7
1
P
8
1
C
7
2
D
Z
B8
10
1
.
7
10
9
.
8
15
15
20
5
75
2
.
01
3
1P
8
1
P
9
1
C
7
2
D
Z
B9
15
0
.
8
15
9
.
9
15
15
20
5
75
2
.
01
4
1P
9
1
P
0
2
C
7
2
D
Z
B0
20
0
.
9
10
.
1
25
15
20
5
75
2
.
01
5
1P
0
2
P
2
2
C
7
2
D
Z
B2
20
9
.
0
20
1
.
3
25
15
20
5
75
2
.
01
6
1P
2
2
P
4
2
C
7
2
D
Z
B4
20
8
.
2
20
2
.
5
25
15
20
5
75
2
.
01
8
1P
4
2
P
5
2
C
7
2
D
Z
B5
25
7
.
3
25
2
.
6
25
15
20
5
75
2
.
01
9
1P
5
2
P
7
2
C
7
2
D
Z
B7
25
6
.
5
25
3
.
8
25
15
20
0
0
15
2
.
01
0
2P
7
2
P
8
2
C
7
2
D
Z
B8
20
6
.
6
20
4
.
9
25
15
20
0
0
15
2
.
01
1
2P
8
2
P
0
3
C
7
2
D
Z
B0
30
5
.
8
20
5
.
1
35
15
20
0
0
15
2
.
01
2
2P
0
3
P
3
3
C
7
2
D
Z
B3
35
3
.
1
35
6
.
4
35
15
20
0
0
15
2
.
01
4
2P
3
3
P
6
3
C
7
2
D
Z
B6
30
2
.
4
30
8
.
7
30
40
10
0
0
15
2
.
01
7
2P
6
3
P
9
3
C
7
2
D
Z
B9
35
0
.
7
35
9
.
0
40
40
10
0
0
15
2
.
01
0
3P
9
3
P
3
4
C
7
2
D
Z
B3
45
8
.
0
45
1
.
5
45
40
10
0
5
15
2
.
01
3
3P
3
4
P
7
4
C
7
2
D
Z
B7
45
6
.
4
45
3
.
9
45
40
10
0
5
15
2
.
01
6
3P
7
4
P
1
5
C
7
2
D
Z
B1
55
4
.
8
45
5
.
3
50
60
10
0
5
15
2
.
01
9
3P
1
5
P
6
5
C
7
2
D
Z
B6
52
.
3
58
.
8
50
60
10
0
0
25
2
.
01
3
4P
6
5
P
2
6
C
7
2
D
Z
B2
69
.
8
51
.
5
60
80
10
0
0
25
2
.
01
7
4P
2
6
P
8
6
C
7
2
D
Z
B8
66
.
4
64
.
1
70
80
10
0
0
25
2
.
01
1
5P
8
6
P
5
7
C
7
2
D
Z
B5
75
2
.
1
75
7
.
8
70
0
10
10
0
0
25
2
.
01
6
5P
5
7
BZD27C3V6P~BZD27C75P
3.6V-75V 800mW
VOLTAGE REGULATOR DIODES


Similar Part No. - BZD27C10P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C10P VAISH-BZD27C10P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Galaxy Semi-Conductor H...
BZD27C10P BILIN-BZD27C10P Datasheet
202Kb / 4P
   VOLTAGE REGULATOR DIODES
logo
Taiwan Semiconductor Co...
BZD27C10P TSC-BZD27C10P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
logo
Shenzhen Luguang Electr...
BZD27C10P LUGUANG-BZD27C10P Datasheet
2Mb / 4P
   Voltage Regulator Diodes
logo
Pan Jit International I...
BZD27C10P PANJIT-BZD27C10P Datasheet
66Kb / 2P
   800mW ZENER DIODES IN SOD123FL PACKAGE
More results

Similar Description - BZD27C10P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com