Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA9636ACDE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # UA9636ACDE4
Description  DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA9636ACDE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UA9636ACDE4 Datasheet HTML 3Page - Texas Instruments UA9636ACDE4 Datasheet HTML 4Page - Texas Instruments UA9636ACDE4 Datasheet HTML 5Page - Texas Instruments UA9636ACDE4 Datasheet HTML 6Page - Texas Instruments UA9636ACDE4 Datasheet HTML 7Page - Texas Instruments UA9636ACDE4 Datasheet HTML 8Page - Texas Instruments UA9636ACDE4 Datasheet HTML 9Page - Texas Instruments UA9636ACDE4 Datasheet HTML 10Page - Texas Instruments UA9636ACDE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UA9636ACD
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA9636ACDE4
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA9636ACDG4
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA9636ACDR
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA9636ACDRE4
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA9636ACDRG4
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA9636ACJG
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
UA9636ACP
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
UA9636ACPE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
23-Apr-2007
Addendum-Page 1


Similar Part No. - UA9636ACDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9636ACD TI-UA9636ACD Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636ACDR TI-UA9636ACDR Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
More results

Similar Description - UA9636ACDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
National Semiconductor ...
DS9636A NSC-DS9636A Datasheet
139Kb / 6P
   RS-423 Dual Programmable Slew Rate Line Driver
DS9636A NSC-DS9636A Datasheet
139Kb / 6P
   RS-423 Dual Programmable Slew Rate Line Driver
logo
STMicroelectronics
EVLPOWERSTEP01 STMICROELECTRONICS-EVLPOWERSTEP01 Datasheet
342Kb / 8P
   Adjustable output slew rate
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com