Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD110814PCL Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD110814PCL
Description  QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110814PCL Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD110814PCL Datasheet HTML 1Page - Advanced Linear Devices ALD110814PCL Datasheet HTML 2Page - Advanced Linear Devices ALD110814PCL Datasheet HTML 3Page - Advanced Linear Devices ALD110814PCL Datasheet HTML 4Page - Advanced Linear Devices ALD110814PCL Datasheet HTML 5Page - Advanced Linear Devices ALD110814PCL Datasheet HTML 6Page - Advanced Linear Devices ALD110814PCL Datasheet HTML 7Page - Advanced Linear Devices ALD110814PCL Datasheet HTML 8Page - Advanced Linear Devices ALD110814PCL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ALD110814/ALD110914
Advanced Linear Devices
2 of 11
ABSOLUTE MAXIMUM RATINGS
Drain-Source voltage, VDS
10.6V
Gate-Source voltage, VGS
10.6V
Power dissipation
500 mW
Operating temperature range SCL, PCL, SAL, PAL package
0°C to +70°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
OPERATING ELECTRICAL CHARACTERISTICS
V+ = +5V V- = GND TA = 25°C unless otherwise specified
Notes:
1
Consists of junction leakage currents
Gate Threshold Voltage
VGS(th)
1.38
1.40
1.42
V
IDS = 1µA, VDS = 0.1V
Offset Voltage
VOS
310
mV
IDS = 1µA
VGS(th)1-VGS(th)2
Offset VoltageTempco
TCVOS
5
µV/ °CVDS1 = VDS2
GateThreshold Voltage Tempco
TCVGS(th)
-1.7
mV/ °CID = 1µA, VDS = 0.1V
0.0
ID = 20µA, VDS = 0.1V
+1.6
ID = 40µA, VDS = 0.1V
On Drain Current
IDS (ON)
12.0
mA
VGS = +10.6V, VDS = +5V
3.0
VGS = +5.4V, VDS = +5V
Forward Transconductance
GFS
1.4
mmho
VGS = +5.4V
VDS = +10.4V
Transconductance Mismatch
∆GFS
1.8
%
Output Conductance
GOS
68
µmho
VGS = +5.4V
VDS = +10.4V
Drain Source On Resistance
RDS (ON)
500
VDS = +0.1V
VGS = +5.6V
Drain Source On Resistance
∆RDS (ON)
0.5
%
Mismatch
Drain Source Breakdown
BVDSX
10
V
IDS = 1.0µA
Voltage
VGS = +0.4V
Drain Source Leakage Current1
IDS (OFF)
10
400
pA
VGS = +0.4V, VDS =+5V
V- = -5V
4nA
TA = 125°C
Gate Leakage Current1
IGSS
3
200
pA
VDS = 0V, VGS = 5V
1nA
TA =125°C
Input Capacitance
CISS
2.5
pF
Transfer Reverse Capacitance
CRSS
0.1
pF
Turn-on Delay Time
ton
10
ns
V+ = 5V, RL= 5KΩ
Turn-off Delay Time
toff
10
ns
V+ = 5V, RL= 5KΩ
Crosstalk
60
dB
f = 100KHz
ALD110814/ALD110914
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions


Similar Part No. - ALD110814PCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110814PCL ALD-ALD110814PCL Datasheet
111Kb / 12P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD
More results

Similar Description - ALD110814PCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110802 ALD-ALD110802_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808 Datasheet
42Kb / 2P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110802 ALD-ALD110802 Datasheet
37Kb / 2P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110814 ALD-ALD110814 Datasheet
42Kb / 2P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804 Datasheet
42Kb / 2P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
   QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD114835 ALD-ALD114835 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114813 ALD-ALD114813_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com