Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHJ2C Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # EHJ2C
Description  EH300/301 EPAD짰 ENERGY HARVESTINGTM MODULES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

EHJ2C Datasheet(HTML) 3 Page - Advanced Linear Devices

  EHJ2C Datasheet HTML 1Page - Advanced Linear Devices EHJ2C Datasheet HTML 2Page - Advanced Linear Devices EHJ2C Datasheet HTML 3Page - Advanced Linear Devices EHJ2C Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EH300/EH300A/EH301/EH301A
Rev 2.1 ©2012 Advanced Linear Devices, Inc.
3 of 4
TA = 25
oC, VIN = 6.0V unless otherwise specified
Max. instantaneous input voltage
+/- 500V
Max. instantaneous input current
400mA
Max. input/output power
500 mW
Operating temperature range
0
°C to +70°C
Min. input
0.0V@1nA
Internal voltage clamp
7.0V@10mA
Max. output current
1A
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
ABSOLUTE MAXIMUM and MINIMUM RATINGS
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25
oC, VIN = 4.0V unless otherwise specified
EH300
EH300A
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Output Low Level
VL
1.9
1.9
V
Output High Level
VH
3.5
3.5
V
Charging Input
Vin
4.0/200
4.0/200
V@nA
Power Dissipation
PD
0.4
0.8
1
2
µW
Useful Energy Output
E
4.6
30
mJ
1 cycle
Output On-time Rating
t * I
68/25
75/150
msec@mA
1 cycle
VP Output Resistance
RVP
0.15
0.15
VP = 3.5V
VR Output Sink Current
IRsink
2.5
2.5
mA
VP = 3.5V, VR = 3.5V
VR Output Source Current
IRsource
-1.0
-1.0
mA
VP = 3.5V, VR = 0.0V
Output Load
Rload
3.5
3.5
Iout = 1A
Output Current
Iout
11
A
Rload = 3.5Ω
EH301
EH301A
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Output Low Level
VL
3.1
3.1
V
Output High Level
VH
5.2
5.2
V
Charging Input
Vin
6.0/300
6.0/300
V@nA
Power Dissipation
PD
0.9
1.8
1.5
3
µW
Useful Energy Output
E
3.9
55
mJ
1 cycle
Output On-time Rating
t * I
80/25
885/150
msec@mA
1 cycle
VP Output Resistance
RVP
0.1
0.1
VP = 5.0V
VR Output Sink Current
IRsink
5
5
mA
VP = 5.0V, VR = 5.0V
VR Output Source Current
IRsource
-2
-2
mA
VP = 5.0V, VR = 0.0V
Output Load
Rload
55
Iout = 1A
Output Current
Iout
11
A
Rload = 5.0Ω


Similar Part No. - EHJ2C

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
EHJ2C ALD-EHJ2C Datasheet
441Kb / 4P
   EH300/301 EPAD짰 ENERGY HARVESTINGTM MODULES
2015
More results

Similar Description - EHJ2C

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
EH300 ALD-EH300_V01 Datasheet
441Kb / 4P
   EH300/301 EPAD짰 ENERGY HARVESTINGTM MODULES
2015
EH300 ALD-EH300 Datasheet
32Kb / 2P
   ENERGY HARVESTINGTM Modules
logo
Panasonic Semiconductor
PAN1326 PANASONIC-PAN1326 Datasheet
947Kb / 2P
   BLUETOOTH짰 LOW ENERGY RF MODULES
logo
List of Unclassifed Man...
EM3-DINAV9 ETC2-EM3-DINAV9 Datasheet
94Kb / 4P
   Energy Management Energy Meter with plug-in Output Modules
EM4-DINAV53 ETC2-EM4-DINAV53 Datasheet
203Kb / 8P
   Energy Management Energy Meter with plug-in Output Modules
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
ALD1721E ALD-ALD1721E_11 Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
LEDTRONICS, INC
PLT-1003-301 LEDTRONICS-PLT-1003-301 Datasheet
34Kb / 1P
   PLT-1003-301
logo
ADL Embedded Solutions
ALD1721E ADL-ALD1721E Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1722E ALD-ALD1722E_11 Datasheet
107Kb / 13P
   EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com