Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL064P Datasheet(PDF) 10 Page - SPANSION

Part # S25FL064P
Description  64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL064P Datasheet(HTML) 10 Page - SPANSION

Back Button S25FL064P Datasheet HTML 6Page - SPANSION S25FL064P Datasheet HTML 7Page - SPANSION S25FL064P Datasheet HTML 8Page - SPANSION S25FL064P Datasheet HTML 9Page - SPANSION S25FL064P Datasheet HTML 10Page - SPANSION S25FL064P Datasheet HTML 11Page - SPANSION S25FL064P Datasheet HTML 12Page - SPANSION S25FL064P Datasheet HTML 13Page - SPANSION S25FL064P Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
10
S25FL064P
S25FL064P_00_06 September 21, 2012
Data
She e t
2.
Connection Diagrams
Figure 2.1 16-pin Plastic Small Outline Package (SO)
Note
DNC = Do Not Connect (Reserved for future use)
Figure 2.2 8-contact WSON Package (6 x 8 mm)
Note
There is an exposed central pad on the underside of the USON package. This should not be connected to any voltage or signal line on the
PCB. Connecting the central pad to GND (VSS) is possible, provided PCB routing ensures 0 mV difference between voltage at the USON
GND (VSS) lead and the central exposed pad.
Figure 2.3 6 x 8 mm 24-ball BGA Package, 5 x 5 Pin Configuration
1
2
3
4
16
15
14
13
HOLD#/IO3
VCC
DNC
DNC
DNC
DNC
SI/IO0
SCK
5
6
7
8
12
11
10
9
W#/ACC/IO2
GND
DNC
DNC
DNC
DNC
CS#
SO/IO1
1
2
3
4
5
6
7
8
CS#
SO/IO1
HOLD#/IO3
SCK
SI/IO0
GND
WSON
W#/ACC/IO2
VCC
3
25
4
1
NC
NC
NC
NC
B
D
E
A
C
GND
SCK
NC
VCC
NC
NC
CS#
NC
W#/ACC/IO2
NC
SI/IO0
SO/IO1
NC
HOLD#/IO3
NC
NC
NC
NC
NC
NC


Similar Part No. - S25FL064P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
logo
Cypress Semiconductor
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
   64-Mbit 3.0 V SPI Flash Memory
logo
SPANSION
S25FL064P0XBHIS30 SPANSION-S25FL064P0XBHIS30 Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P0XMFI001 SPANSION-S25FL064P0XMFI001 Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results

Similar Description - S25FL064P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL064P0XBHIS30 SPANSION-S25FL064P0XBHIS30 Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P0XMFI001 SPANSION-S25FL064P0XMFI001 Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com