Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS32FX161-20 Datasheet(PDF) 10 Page - Texas Instruments

Part # NS32FX161-20
Description  Advanced Imaging/Communication Signal Processors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NS32FX161-20 Datasheet(HTML) 10 Page - Texas Instruments

Back Button NS32FX161-20 Datasheet HTML 6Page - Texas Instruments NS32FX161-20 Datasheet HTML 7Page - Texas Instruments NS32FX161-20 Datasheet HTML 8Page - Texas Instruments NS32FX161-20 Datasheet HTML 9Page - Texas Instruments NS32FX161-20 Datasheet HTML 10Page - Texas Instruments NS32FX161-20 Datasheet HTML 11Page - Texas Instruments NS32FX161-20 Datasheet HTML 12Page - Texas Instruments NS32FX161-20 Datasheet HTML 13Page - Texas Instruments NS32FX161-20 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
20 Architectural Description (Continued)
B
Reserved for use by the CPU This bit is set to 1 during
the execution of the EXTBLT instruction and causes the
BPU signal to become active Upon reset B is set to
zero and the BPU signal is set high
Note 1
When an interrupt is acknowledged the B I P S and U bits are set
to zero and the BPU signal is set high A return from interrupt will
restore the original values from the copy of the PSR register saved
in the interrupt stack
Note 2
If BITBLT (BB) or EXTBLT instructions are executed in an interrupt
routine the PSR bits J and K must be cleared first
214 Configuration Register
The Configuration Register (CFG) is 32 bits wide of which 5
bits are implemented The implemented bits enable various
operating modes for the CPU including vectoring of inter-
rupts execution of floating-point instructions processing of
exceptions and selection of clock scaling factor The CFG is
programmed by the SETCFG instruction The format of CFG
is shown in
Figure 2-3 The various control bits are de-
scribed below
31
8
7
0
Reserved
DE
Res
C M F
I
FIGURE 2-3 Configuration Register (CFG)
I
Interrupt vectoring This bit controls whether maskable
interrupts are handled in nonvectored (Ie0) or vec-
tored (Ie1) mode Refer to Section 323 for more in-
formation
F
Floating-point instruction set This bit indicates wheth-
er a floating-point unit (FPU) is present to execute
floating-point instructions If this bit is 0 when the CPU
executes a floating-point instruction a Trap (UND) oc-
curs If this bit is 1 then the CPU transfers the instruc-
tion and any necessary operands to the FPU using the
slave-processor protocol described in Section 3131
M
Clock scaling This bit is used in conjunction with the
C-bit to select the clock scaling factor
C
Clock scaling Same as the M-bit above Refer to Sec-
tion 353 on ‘‘Power Save Mode’’ for details
DE
Direct-Exception mode enable This bit enables the Di-
rect-Exception mode for processing exceptions When
this mode is selected the CPU response time to inter-
rupts and other exceptions is significantly improved
Refer to Section 32 for more information
215 DSP Module Registers
The DSP Module (DSPM) contains 15 memory-mapped reg-
isters All the registers except OVF CLSTAT ABORT
DSPINT and NMISTAT are readable and writable OVF
CLSTAT DSPINT and NMISTAT are read-only ABORT is
write-only
The DSPM registers are divided into two groups according
to their function PARAM OVF X Y Z A REPEAT CLPTR
and EABR are called DSPM dedicated registers CLSTAT
ABORT DSPINT DSPMASK EXT and NMISTAT are called
CPU core interface registers
Accesses to these registers must be aligned word and dou-
ble-word accesses must occur on word and double-word
address boundaries respectively Failing to do so will cause
unpredictable results
Figure 2-4 shows the address map of
the DSP Module registers
Register
Register
Name
Address
PARAM
FFFF8000
OVF
FFFF8004
X
FFFF8008
Y
FFFF800C
Z
FFFF8010
A
FFFF8014
REPEAT
FFFF8018
CLPTR
FFFF8020
EABR
FFFF8024
CLSTAT
FFFF9000
ABORT
FFFF9004
DSPINT
FFFF9008
DSPMASK
FFFF900C
EXT
FFFF9010
NMISTAT
FFFF9014
FIGURE 2-4 DSP Module Registers Address Map
AAccumulator
The format of the accumulator is shown in
Figure 2-5
33
0
33
0
Imaginary
Real
FIGURE 2-5 Accumulator Format
The A register is a complex accumulator It has two 34-bit
fields a real part and an imaginary part Bits 15 through 30
of the real and the imaginary parts of the accumulator can
be read or written by the core in one double-word access
Bits 15 through 30 of the real part are mapped to the oper-
and’s bits 0 through 15 and bits 15 through 30 of the imagi-
nary part are mapped to the operand’s bits 16 through 31
The accumulator can also be read and written by the com-
mand-list execution unit using the SA SEA LA and LEA
instructions (See Section 34 for more information)
Note that when a value is stored in the accumulator by the
core the value of PARAMRND bit is copied into bit position
14 of both real and imaginary parts of the accumulator This
technique allows rounding of the accumulator’s value in the
following DSPM instructions (See Section 3453 for more
information on rounding)
When the Accumulator is loaded either by the core or by the
LA or LEA instructions bits 31 – 33 of the real and the imagi-
nary accumulators are loaded with the values of bit 30 of the
real and the imaginary parts respectively
When the Accumulator is loaded either by the core or by the
LA instruction bits 0 – 13 of the real and the imaginary accu-
mulators are loaded with zeros
X Y ZVector Pointers
The format of X Y and Z registers is shown in
Figure 2-6
31
16
15
8
7
4
3
0
ADDRESS
Reserved
WRAP-AROUND
INCREMENT
FIGURE 2-6 X Y Z Registers Format
9


Similar Part No. - NS32FX161-20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX161-15 NSC-NS32FX161-15 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
More results

Similar Description - NS32FX161-20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX161-15 NSC-NS32FX161-15 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
logo
Texas Instruments
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641 Datasheet
2Mb / 171P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
ULN3841A ETC-ULN3841A Datasheet
738Kb / 8P
   AM SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com