Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4060-Q100 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC4060-Q100
Description  14-stage binary ripple counter with oscillator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4060-Q100 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC4060-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC4060-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC4060-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC4060-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC4060-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC4060-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC4060-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC4060-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC4060-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
74HC_HCT4060_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 2 August 2012
4 of 24
NXP Semiconductors
74HC4060-Q100; 74HCT4060-Q100
14-stage binary ripple counter with oscillator
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It cannot be used as
supply pin or input.
Fig 5.
Pin configuration SO16 and TSSOP16
Fig 6.
Pin configuration DHVQFN16
+&4
+&74
4
9&&
4
4
4
4
4
4
4
05
4
56
4
57&
*1'
&7&
DDD
















DDD
+&4
+&74
4
57&
4
56
4
05
4
4
4
4
4
4
7UDQVSDUHQWWRSYLHZ












WHUPLQDO
LQGH[DUHD
9&& 
Table 2.
Pin description
Symbol
Pin
Description
Q11 to Q13
1, 2, 3
counter output
Q3 to Q9
7, 5, 4, 6, 14, 13, 15
counter output
GND
8
ground (0 V)
CTC
9
external capacitor connection
RTC
10
external resistor connection
RS
11
clock input /oscillator pin
MR
12
master reset input (active HIGH)
VCC
16
supply voltage


Similar Part No. - 74HC4060-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
More results

Similar Description - 74HC4060-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com