Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC373BQ-Q100 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC373BQ-Q100
Description  Octal D-type transparent latch; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC373BQ-Q100 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC373BQ-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC373BQ-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC373BQ-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC373BQ-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC373BQ-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC373BQ-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC373BQ-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC373BQ-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC373BQ-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The 74HC373-Q100; 74HCT373-Q100 is a high-speed Si-gate CMOS device and is pin
compatible with Low-power Schottky TTL. It is specified in compliance with JEDEC
standard no. 7A.
The 74HC373-Q100; 74HCT373-Q100 is an octal D-type transparent latch featuring
separate D-type inputs for each latch and 3-state outputs for bus-oriented applications. A
latch enable (LE) input and an output enable (OE) input are common to all latches.
The 74HC373-Q100; 74HCT373-Q100 consists of eight D-type transparent latches with
3-state true outputs. When LE is HIGH, data at the Dn inputs enters the latches. In this
condition the latches are transparent, i.e. a latch output changes state each time its
corresponding D input changes.
When LE is LOW, the latches store the information that was present at the D inputs a
set-up time preceding the HIGH-to-LOW transition of LE. When OE is LOW, the contents
of the 8 latches are available at the outputs. When OE is HIGH, the outputs go to the high-
impedance OFF-state. Operation of the OE input does not affect the state of the latches.
The 74HC373-Q100; 74HCT373-Q100 is functionally identical to:
74HC573-Q100; 74HCT573-Q100: but different pin arrangement
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Input levels:
For 74HC373-Q100: CMOS level
For 74HCT373-Q100: TTL level
3-state non-inverting outputs for bus-oriented applications
Common 3-state output enable input
Functionally identical to the 74HC573-Q100; 74HCT573-Q100
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
Multiple package options
74HC373-Q100; 74HCT373-Q100
Octal D-type transparent latch; 3-state
Rev. 1 — 10 August 2012
Product data sheet


Similar Part No. - 74HC373BQ-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC373BQ-Q100 NEXPERIA-74HC373BQ-Q100 Datasheet
277Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 22 July 2020
More results

Similar Description - 74HC373BQ-Q100

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com