Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH245A-Q100 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVCH245A-Q100
Description  Octal bus transceiver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH245A-Q100 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVCH245A-Q100 Datasheet HTML 4Page - NXP Semiconductors 74LVCH245A-Q100 Datasheet HTML 5Page - NXP Semiconductors 74LVCH245A-Q100 Datasheet HTML 6Page - NXP Semiconductors 74LVCH245A-Q100 Datasheet HTML 7Page - NXP Semiconductors 74LVCH245A-Q100 Datasheet HTML 8Page - NXP Semiconductors 74LVCH245A-Q100 Datasheet HTML 9Page - NXP Semiconductors 74LVCH245A-Q100 Datasheet HTML 10Page - NXP Semiconductors 74LVCH245A-Q100 Datasheet HTML 11Page - NXP Semiconductors 74LVCH245A-Q100 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74LVC_LVCH245A_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 September 2012
8 of 16
NXP Semiconductors
74LVC_LVCH245A_Q100
Octal bus transceiver; 3-state
11. AC waveforms
See Table 8 for measurement points
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 5.
Input (An, Bn) to output (Bn, An) propagation delays and output transition times
mna176
An, Bn input
Bn, An output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
See Table 8 for measurement points
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
Enable and disable times
mna367
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 8.
Measurement points
Supply voltage
VM
Input
VCC
VI
tr =tf
VX
VY
1.2 V
0.5
 V
CC
VCC
 2.5 ns
VOL + 0.15 V
VOH  0.15 V
1.65 V to 1.95 V
0.5
 V
CC
VCC
 2.5 ns
VOL + 0.15 V
VOH  0.15 V
2.3 V to 2.7 V
0.5
 V
CC
VCC
 2.5 ns
VOL + 0.15 V
VOH  0.15 V
2.7V
1.5V
2.7V
 2.5 ns
VOL + 0.3 V
VOH  0.3 V
3.0V to 3.6V
1.5V
2.7V
 2.5 ns
VOL + 0.3 V
VOH  0.3 V


Similar Part No. - 74LVCH245A-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVCH245A-Q100 NEXPERIA-74LVCH245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
More results

Similar Description - 74LVCH245A-Q100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com