Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC245AD-Q100 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC245AD-Q100
Description  Octal bus transceiver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC245AD-Q100 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC245AD-Q100 Datasheet HTML 1Page - NXP Semiconductors 74LVC245AD-Q100 Datasheet HTML 2Page - NXP Semiconductors 74LVC245AD-Q100 Datasheet HTML 3Page - NXP Semiconductors 74LVC245AD-Q100 Datasheet HTML 4Page - NXP Semiconductors 74LVC245AD-Q100 Datasheet HTML 5Page - NXP Semiconductors 74LVC245AD-Q100 Datasheet HTML 6Page - NXP Semiconductors 74LVC245AD-Q100 Datasheet HTML 7Page - NXP Semiconductors 74LVC245AD-Q100 Datasheet HTML 8Page - NXP Semiconductors 74LVC245AD-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74LVC_LVCH245A_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 September 2012
3 of 16
NXP Semiconductors
74LVC_LVCH245A_Q100
Octal bus transceiver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 3.
Pin configuration for SO20 and TSSOP20
Fig 4.
Pin configuration for DHVQFN20
74LVC245A-Q100
74LVCH245A-Q100
DIR
VCC
A0
OE
A1
B0
A2
B1
A3
B2
A4
B3
A5
B4
A6
B5
A7
B6
GND
B7
aaa-003142
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
74LVC245A-Q100
74LVCH245A-Q100
Transparent top view
B6
A6
A7
B5
A5
B4
A4
B3
A3
B2
A2
B1
A1
B0
A0
OE
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
GND(1)
aaa-003143
Table 2.
Pin description
Symbol
Pin
Description
DIR
1
direction control
A0 to A7
2, 3, 4, 5, 6, 7, 8, 9
data input/output
GND
10
ground (0 V)
B0 to B7
18, 17, 16, 15, 14, 13, 12, 11
data input/output
OE
19
output enable input (active LOW)
VCC
20
supply voltage


Similar Part No. - 74LVC245AD-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC245AD-Q100 NEXPERIA-74LVC245AD-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
More results

Similar Description - 74LVC245AD-Q100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com