Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1691BS Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA1691BS
Description  FM/AM Radio
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1691BS Datasheet(HTML) 1 Page - Sony Corporation

  CXA1691BS Datasheet HTML 1Page - Sony Corporation CXA1691BS Datasheet HTML 2Page - Sony Corporation CXA1691BS Datasheet HTML 3Page - Sony Corporation CXA1691BS Datasheet HTML 4Page - Sony Corporation CXA1691BS Datasheet HTML 5Page - Sony Corporation CXA1691BS Datasheet HTML 6Page - Sony Corporation CXA1691BS Datasheet HTML 7Page - Sony Corporation CXA1691BS Datasheet HTML 8Page - Sony Corporation CXA1691BS Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
—1—
E99215-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
14
V
• Operating temperature
Topr
–10 to +60
°C
• Storage temperature
Tstg
–50 to +125
°C
• Allowable power dissipation
PD
700
mW
(CXA1691BM)
PD
1000
mW
(CXA1691BS)
Recommended Operating Conditions
Supply voltage
VCC
2 to 7.5
V
(CXA1691BM)
VCC
2 to 8.5
V
(CXA1691BS)
Description
CXA1691BM/BS is a one-chip FM/AM radio IC
designed for radio-cassette tape recorders.
Features
• Small number of peripheral components.
• Low current consumption (VCC=3 V)
For FM : ID=5.8 mA (Typ.)
For AM : ID=4.7 mA (Typ.)
• Built-in FM/AM select switch.
• Large output of AF amplifier.
VCC=6 V, EIAJ output=500 mW (Typ.)
when load impedance 8
Function
FM section
• RF amplifier, Mixer and OSC
(incorporating AFC variable capacitor).
• IF amplifier
• Quadrature detection
• Tuning LED driver
AM section
• RF amplifier, Mixer and OSC (with RF AGC)
• IF amplifier (with IF AGC)
• Detector
• Tuning LED driver
AF section
• Electronic volume control
• FM muting
Structure
Bipolar monolithic IC
FM/AM Radio
CXA1691BM
CXA1691BS
28 pin SOP (Plastic)
30 pin SDIP (Plastic)
CXA1691BM/BS
For the availability of this product, please contact the sales office.


Similar Part No. - CXA1691BS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691AS SONY-CXA1691AS Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
logo
Tiger Electronic Co.,Lt...
CXA1691M TGS-CXA1691M Datasheet
2Mb / 10P
   FM/AM RADIO CIRCUIT
logo
Sony Corporation
CXA1691S SONY-CXA1691S Datasheet
290Kb / 13P
   FM/AM RADIO
More results

Similar Description - CXA1691BS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
   FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
   FM/AM Radio
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
CXA1619BM SONY-CXA1619BM Datasheet
198Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com