Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS29843 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ALS29843
Description  9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS29843 Datasheet(HTML) 6 Page - Texas Instruments

  SN54ALS29843 Datasheet HTML 1Page - Texas Instruments SN54ALS29843 Datasheet HTML 2Page - Texas Instruments SN54ALS29843 Datasheet HTML 3Page - Texas Instruments SN54ALS29843 Datasheet HTML 4Page - Texas Instruments SN54ALS29843 Datasheet HTML 5Page - Texas Instruments SN54ALS29843 Datasheet HTML 6Page - Texas Instruments SN54ALS29843 Datasheet HTML 7Page - Texas Instruments SN54ALS29843 Datasheet HTML 8Page - Texas Instruments SN54ALS29843 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
tsu
Setup time, before enable C
ns
V
VOH
SDAS151A − D2910 — JUNE 1988 — REVISED JANUARY 1990
SN74ALS29843, SN74ALS29844
9BIT BUS INTERFACE DTYPE LATCHES WITH 3STATE OUTPUTS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the “Recommended Operating Conditions” section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 2: All Voltage Values in this data sheet are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
5
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
− 24
mA
IOL
Low-level output current
48
mA
PRE low
5
8
tw
Pulse duration
CLR low
6
8
ns
C high
4
6
Data
2.5
2.5
PRE or CLR inactive state
14
12
th
Hold time, data after enable C
4.5
4.5
ns
TA
Operating free-air temperature
25
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS‡
MIN
TYP§
MAX
UNIT
VIK
VCC = MIN,
II = −18 mA
−1.2
V
VCC = MIN,
IOH = −15 mA
2.4
3.3
VCC = MIN,
IOH = − 24 mA
2
3.1
VOL
VCC = MIN,
IOL = 48 mA
0.35
0.5
V
IOZH
VCC = MAX,
VO = 2.7 V
20
µA
IOZL
VCC = MAX,
VO = 0.4 V
− 20
µA
II
VCC = MAX,
VI = 5.5 V
0.1
mA
IIH
VCC = MAX,
VI = 2.7 V
20
µA
IIL
VCC = MAX,
VI = 0.4 V
− 0.2
mA
IO¶
VCC = MAX,
VO = 0
−75
− 250
mA
ICC
VCC = MAX,
Outputs low
55
85
mA
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ All typical values are at VCC = 5 V, TA = 25°C.
¶ Not more than one output should be shorted at a time and the duration of the short circuit should not exceed one second.


Similar Part No. - SN54ALS29843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS29821 TI-SN54ALS29821 Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI1-SN54ALS29821 Datasheet
181Kb / 10P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821JT TI-SN54ALS29821JT Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI1-SN54ALS29821_15 Datasheet
181Kb / 10P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI-SN54ALS29823 Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ALS29843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS1843 TI1-SN74AS1843 Datasheet
59Kb / 5P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT843 TI-SN54ABT843 Datasheet
120Kb / 17P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS844 TI-SN74AS844 Datasheet
354Kb / 7P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16841 TI-SN54ABT16841_08 Datasheet
347Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com