Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A1099 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # Q65111A1099
Description  Vorl채ufige Daten / Preliminary Data
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A1099 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button Q65111A1099 Datasheet HTML 7Page - OSRAM GmbH Q65111A1099 Datasheet HTML 8Page - OSRAM GmbH Q65111A1099 Datasheet HTML 9Page - OSRAM GmbH Q65111A1099 Datasheet HTML 10Page - OSRAM GmbH Q65111A1099 Datasheet HTML 11Page - OSRAM GmbH Q65111A1099 Datasheet HTML 12Page - OSRAM GmbH Q65111A1099 Datasheet HTML 13Page - OSRAM GmbH Q65111A1099 Datasheet HTML 14Page - OSRAM GmbH Q65111A1099 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LCW JNSH.PC
2011-06-09
11
Durchlassstrom
2) 6) Seite 20
Forward Current2) 6) page 20
IF = f (VF); TS = 25 °C
Farbortverschiebung
1) 2) Seite 20
Chromaticity Coordinate Shift
1) 2) page 20
∆Cx, ∆Cy = f (I
F); TS = 25 °C
Relative Lichtstärke
1) 2) 7) Seite 20
Relative Luminous Intensity1) 2) 7) page 20
IV/IV(20 mA) = f (IF); TS = 25 °C
2,6
2,8
3,0
3,2
3,4
3,6
VF [V]
5
10
15
20
25
30
ΙF [mA]
5
10
15
20
25
30
ΙF [mA]
-0,010
-0,008
-0,006
-0,004
-0,002
0,000
0,002
0,004
0,006
0,008
0,010
∆Cx, ∆Cy
: Cx
: Cy
5
10
20
30
ΙF [mA]
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
ΙV
ΙV (20mA)


Similar Part No. - Q65111A1099

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A1095 OSRAM-Q65111A1095 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
More results

Similar Description - Q65111A1099

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCW_JNSH.PC-203162 OSRAM-LCW_JNSH.PC-203162 Datasheet
2Mb / 21P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF6MR12W2M1B70 INFINEON-FF6MR12W2M1B70 Datasheet
536Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
OSRAM GmbH
LUWJNSH.EC-BRBT-5C8E-1 OSRAM-LUWJNSH.EC-BRBT-5C8E-1 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF11MR12W1M1B70 INFINEON-FF11MR12W1M1B70 Datasheet
514Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
logo
eupec GmbH
BSM35GB120DLC EUPEC-BSM35GB120DLC Datasheet
87Kb / 8P
   vorlafige Daten preliminary data
logo
OSRAM GmbH
LSGF971 OSRAM-LSGF971 Datasheet
63Kb / 7P
   Vorlaufige Daten / Preliminary Data
LGY870 OSRAM-LGY870 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
logo
List of Unclassifed Man...
LBW5SG ETC1-LBW5SG Datasheet
200Kb / 14P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LWV283 OSRAM-LWV283 Datasheet
521Kb / 15P
   White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com