Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1852GXW Datasheet(PDF) 2 Page - Rohm

Part # BU1852GXW
Description  Keyencoder IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1852GXW Datasheet(HTML) 2 Page - Rohm

  BU1852GXW Datasheet HTML 1Page - Rohm BU1852GXW Datasheet HTML 2Page - Rohm BU1852GXW Datasheet HTML 3Page - Rohm BU1852GXW Datasheet HTML 4Page - Rohm BU1852GXW Datasheet HTML 5Page - Rohm BU1852GXW Datasheet HTML 6Page - Rohm BU1852GXW Datasheet HTML 7Page - Rohm BU1852GXW Datasheet HTML 8Page - Rohm BU1852GXW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Technical Note
2/25
BU1852GUW, BU1852GXW
www.rohm.com
2012.08 - Rev.B
© 2012 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
1.
DC characteristics (VDD=1.8V, VDDIO=1.8V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Input H Voltage1
VIH1
0.8xVDD
-
3.6
V
1
Input H Voltage2
VIH2
0.8xVDD
-
VDD+0.2
V
2
Input H Voltage3
VIH3
0.8xVDDIO
-
3.6
V
COL[11:0]
Input H Voltage4
VIH4
0.8xVDDIO
-
VDDIO+0.2
V
ADR
Input L Voltage1
VIL1
-0.2
-
0.2xVDD
V
3
Input L Voltage2
VIL2
-0.2
-
0.2xVDDIO
V
ADR, COL[11:0]
Input H Current1
IIH1
-1.0
-
1.0
µA
VIN=3.60V
4
Pull-down/up OFF
Input H Current2
IIH2
-1.0
-
1.0
µA
VIN=1.80V
5
Input L Current
IIL
-1.0
-
1.0
µA
VIN=0V
Pull-down/up OFF
Output H Voltage1
VOH1
0.75xVDD
-
-
V
IOH=-2mA, ROW[7:0]
Output H Voltage2
VOH2
0.75xVDDIO
-
-
V
IOH=-2mA, COL[11:0]
Output L Voltage1
VOL1
-
-
0.25xVDD
V
IOL=2mA,
6
Output L Voltage2
VOL2
-
-
0.25xVDDIO
V
IOL=2mA, COL[11:0]
1
XINT,SCL,SDA,ROW[7:0]
2
XRST,XI,TW,PORENB
3
XINT,SCL,SDA,ROW[7:0],XRST,XI,TW,PORENB
4
XINT,SCL,SDA,ROW[7:0],COL[11:0]
5
XRST,XI,TW,PORENB,ADR
6
XINT,SDA,ROW[7:0]
2.
Circuit Current (VDD=1.8V, VDDIO=1.8V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Power Down Current
(VDD)
IPD
-
-
1.0
µA
XRST=VSS
Power Down Current
(VDDIO)
IPDIO
-
-
1.0
µA
Standby Current1
(VDD)
ISTBY1
-
-
3.0
µA
XRST=VDD,
PORENB=VSS,
SCL=VDD, SDA=VDD
Standby Current1
(VDDIO)
ISTBYIO1
-
-
1.0
µA
Standby Current2
(VDD)
ISTBY2
-
-
1.0
µA
XRST=VDD,
PORENB=VDD,
SCL=VDD, SDA=VDD
Standby Current2
(VDDIO)
ISTBYIO2
-
-
1.0
µA
Operating Current
(VDD)
IOP
-
50
110
µA
Internal oscillator is used.
one key is pressed.


Similar Part No. - BU1852GXW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1852GXW ROHM-BU1852GXW Datasheet
492Kb / 26P
   Keyencoder IC
More results

Similar Description - BU1852GXW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1852GUW ROHM-BU1852GUW_11 Datasheet
489Kb / 25P
   Keyencoder IC
BU1852GXW ROHM-BU1852GXW Datasheet
492Kb / 26P
   Keyencoder IC
logo
NXP Semiconductors
SAA4995WP PHILIPS-SAA4995WP Datasheet
107Kb / 16P
   PANorama-IC PAN-IC
1997 Jun 10
logo
Seiko Instruments Inc
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Mitsumi Electronics, Co...
MM1100 MITSUMI-MM1100 Datasheet
113Kb / 5P
    Compander IC Monolithic IC MM1100
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
logo
Seiko Instruments Inc
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Mitsumi Electronics, Co...
MM1458 MITSUMI-MM1458 Datasheet
127Kb / 6P
   RegulatorReset IC Monolithic IC
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
   CMOS IC Battery Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com