Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS856NT Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AS856NT
Description  8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS856NT Datasheet(HTML) 5 Page - Texas Instruments

  SN74AS856NT Datasheet HTML 1Page - Texas Instruments SN74AS856NT Datasheet HTML 2Page - Texas Instruments SN74AS856NT Datasheet HTML 3Page - Texas Instruments SN74AS856NT Datasheet HTML 4Page - Texas Instruments SN74AS856NT Datasheet HTML 5Page - Texas Instruments SN74AS856NT Datasheet HTML 6Page - Texas Instruments SN74AS856NT Datasheet HTML 7Page - Texas Instruments SN74AS856NT Datasheet HTML 8Page - Texas Instruments SN74AS856NT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN54AS856, SN74AS856
8BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
SDAS032A − DECEMBER 1983 − REVISED MARCH 1985
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
absolute maximum ratings over free-air temperature range
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage: All inputs
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O ports
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54AS856
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS856
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54AS856
SN74AS856
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
A1-A8, B1-B8
−12
−15
mA
IOH
High-level output current
Q8
−2
−2
mA
IOL
Low-level output current
A1-A8, B1-B8
32
48
mA
IOL
Low-level output current
Q8
20
20
mA
fclock
Clock frequency
0
45
0
50
MHz
tw
Duration of clock pulse
11
10
ns
tsu
Setup time before CLK
A1-A8, B1-B8 SERIN
5.5
5.5
ns
tsu
Setup time before CLK
OEB, OEA, MODE
5.5
5.5
ns
th
Hold-time, data after CLK
A1-A8, B1-B8 SERIN
0
0
ns
th
Hold-time, data after CLK
OEB, OEA, MODE
0
0
ns
TA
Operating free-air temperature
−55
125
0
70
°C


Similar Part No. - SN74AS856NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS850A TI1-SN74AS850A Datasheet
167Kb / 11P
[Old version datasheet]   1 OF 16 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS850AFN TI1-SN74AS850AFN Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS850AN TI1-SN74AS850AN Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS851B TI1-SN74AS851B Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS851BN TI1-SN74AS851BN Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AS856NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS877 TI1-SN74AS877 Datasheet
158Kb / 10P
[Old version datasheet]   8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
logo
Freescale Semiconductor...
MC68HC11A1CFNE3 FREESCALE-MC68HC11A1CFNE3 Datasheet
3Mb / 52P
   8-Bit Micro controllers
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
logo
NXP Semiconductors
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY74FCT2245T TI-CY74FCT2245T Datasheet
66Kb / 7P
[Old version datasheet]   8-Bit Transceiver
logo
Motorola, Inc
MC14034B MOTOROLA-MC14034B Datasheet
313Kb / 9P
   8-Bit Universal Bus Register
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
List of Unclassifed Man...
IR33Z9MR20 ETC2-IR33Z9MR20 Datasheet
370Kb / 2P
   IR33 Universal Electronic Controllers
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com