Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM11-MH Datasheet(PDF) 7 Page - Formosa MS

Part # SFM11-MH
Description  1.0A Surface Mount Super Fast Rectifiers-50-600V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM11-MH Datasheet(HTML) 7 Page - Formosa MS

  SFM11-MH_10 Datasheet HTML 1Page - Formosa MS SFM11-MH_10 Datasheet HTML 2Page - Formosa MS SFM11-MH_10 Datasheet HTML 3Page - Formosa MS SFM11-MH_10 Datasheet HTML 4Page - Formosa MS SFM11-MH_10 Datasheet HTML 5Page - Formosa MS SFM11-MH_10 Datasheet HTML 6Page - Formosa MS SFM11-MH_10 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Chip Silicon Rectifier
Formosa MS
SFM11-MH THRU SFM18-MH
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121402
2008/02/10
2010/11/10
D
7
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Thermal Shock
9. Forward Surge
10. Humidity
11. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =150 C for 168 hrs.
R
J
O
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
O
15P
at T =121 C for 4 hrs.
SIG
A
O
O
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
O
O
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
8.3ms single half sine-wave superimposed
on rated load, one surge.
O
at T =85 C, RH=85% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
±
C
±
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
High reliability test capabilities


Similar Part No. - SFM11-MH_10

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MH1 FORMOSA-SFM11-MH1 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
More results

Similar Description - SFM11-MH_10

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MS FORMOSA-SFM11-MS Datasheet
96Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
E-CMOS Corporation
ECCSR0011-MH1 E-CMOS-ECCSR0011-MH1 Datasheet
323Kb / 4P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
Formosa MS
SFM11-M FORMOSA-SFM11-M Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-S FORMOSA-SFM11-S Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
WILLAS ELECTRONIC CORP
SFM18-FN3 WILLAS-SFM18-FN3 Datasheet
292Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIERS - 600V
SFM11-M WILLAS-SFM11-M Datasheet
896Kb / 4P
   1.0A SUFRACE MOUNT SUPER FAST RECTIFIERS - 50-600V
logo
Shenzhen Luguang Electr...
MURSL160 LUGUANG-MURSL160 Datasheet
1Mb / 2P
   1.0A Surface Mount Super Fast Rectifiers
Revision:20170701-P2
MURSL160A LUGUANG-MURSL160A Datasheet
1Mb / 2P
   1.0A Surface Mount Super Fast Rectifiers
Revision:20170701-P2
logo
Formosa MS
SFM31-B FORMOSA-SFM31-B Datasheet
97Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
SFM21-B FORMOSA-SFM21-B Datasheet
95Kb / 7P
   2.0A Surface Mount Super Fast Rectifiers-50-600V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com