Electronic Components Datasheet Search |
|
Y-CONC-R606MCU2L-2000-A Datasheet(PDF) 10 Page - Yamaichi Electronics Co., Ltd. |
|
Y-CONC-R606MCU2L-2000-A Datasheet(HTML) 10 Page - Yamaichi Electronics Co., Ltd. |
10 / 42 page IP20 Protected Components Description: IP20 holding frames 1x, 2x or 4x format. For use with all RJ45 and USB IP20Lock products IP20 Halterahmen in 1x, 2x oder 4x Ausführung zur Verwendung mit allen RJ45 und USB IP20Lock Produkten Specifications: Material PA66 (Black) Operating Temp.: -20°C ~ +120°C Betriebstemp. Description: IP20 lock strain relief with vibration resistant locking clips. Also available with additional locking slider for increased mechanical retention. For use with all Y-Con plugs IP20-Zugentlastung mit vibrationsstabilen Rasthaken. Auch mit zusätzlichem Schiebeverschluss für verbesserte mechanische Rückhaltekraft verfügbar. Für den Einsatz mit allen Y-Con Kabelsteckern Material: PA66 Colour: Y-ConIP20Lock-10 (Black) Farbe Y-ConIP20Lock-20 (Black & White) Specifications: Operating Temp.: -20°C ~ +120°C Betriebstemp. Part Number Type Y-ConIP20Lock-10 Standard Y-ConIP20Lock-20 With additional locking slider Part Number No. of Holding Frames Y-ConIP20HFR-10 1 Y-ConIP20HFR-20 2 Y-ConIP20HFR-40 4 Series 10 = Standard Type 20 = With Locking Slider Y-ConIP20Lock - ** Part Number (Details) Y-ConIP20Lock-10 Y-ConIP20Lock-20 Outline Dimensions: Series Number of Holding Frames Y-ConIP20HFR - * Part Number (Details) Y-ConIP20Lock-10 Y-ConIP20Lock-20 TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 9 |
Similar Part No. - Y-CONC-R606MCU2L-2000-A |
|
Similar Description - Y-CONC-R606MCU2L-2000-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |