Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTT20.0MX Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ZTT20.0MX
Description  Ceramic Resonato
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ZTT20.0MX Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ZTT20.0MX Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTT20.0MX Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTT20.0MX Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTT20.0MX Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
3
6. PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
No
Item
Condition of Test
Performance
Requirements
6.1
Humidity
Subject the resonator at +40 ± 2 ℃
and
90%-95% R.H. for 500 hours, resonator shall
be measured after being placed in natural
conditions for 1 hour.
It shall fulfill the
specifications in
Table 1.
6.2
High
Temperature
Exposure
Subject the resonator to +85±5℃ for 500
hours, resonator shall be measured after being
placed in natural conditions for 1 hour.
It shall fulfill the
specifications in
Table 1.
6.3
Low
Temperature
Exposure
Subject the resonator to –25±5℃ for 500
hours, resonator shall be measured after being
placed in natural conditions for 1 hour.
It shall fulfill the
specifications in
Table 1.
6.4
Temperature
Cycling
Subject the resonator to -25℃ for 30 min.
followed by a high temperature of +85℃
for 30 min. Cycling shall be repeated 5 times.
Resonator shall be measured after being
placed in natural conditions for 1 hour.
It shall fulfill the
specifications in
Table 1.
6.5
Vibration
Subject the resonator to vibration for 2 hours
each in x y and z axis with the amplitude of
1.5mm,
the
frequency
shall
be
varied
uniformly between the limits of 10Hz-55Hz
and then resonator shall be measured.
It shall fulfill the
specifications in
Table 1.
6.6
Mechanical
Shock
Resonator shall be measured after 3 times'
random dropping from the height of 100cm
on concrete floor.
No
visible
damage
and
it
shall fulfill the
specifications in
Table 1.
6.7
Resistance to
Soldering
Heat
Lead terminals are immersed up to 2 mm
from resonator’s body in soldering bath of
260 ± 5 ℃
for 5 ± 1 seconds and then
resonator shall be measured after being placed
in natural conditions for 1 hour
It shall fulfill the
specifications in
Table 1.
6.8
Solderability
Lead terminals are immersed up to 2mm from
resonator’s body in soldering bath of 235±5
℃ for 2±0.5 sec.
More than 95%
of the terminal
surface
of
the
resonator shall be
covered
with
fresh solder.
ZTT20.0MX
Ceramic Resonator


Similar Part No. - ZTT20.0MX

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
ZTT20.0MX TGS-ZTT20.0MX Datasheet
208Kb / 5P
   CERAMIC RESONATOR
More results

Similar Description - ZTT20.0MX

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0402JRNPO9BN390 YAGEO-CC0402JRNPO9BN390 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC CERAMIC
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
logo
Caliber Electronics Inc...
ZTB CALIBER-ZTB Datasheet
39Kb / 1P
   Ceramic Resonator
logo
EUROQUARTZ limited
XT4.5MB EUROQUARTZ-XT4.5MB Datasheet
42Kb / 1P
   CERAMIC TRAP
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
Shoulder Electronics Li...
ZTACS_MT SHOULDER-ZTACS_MT Datasheet
190Kb / 5P
   CERAMIC RESONATOR
ZTA_MG SHOULDER-ZTA_MG Datasheet
95Kb / 4P
   CERAMIC RESONATOR
ZTA_MT SHOULDER-ZTA_MT Datasheet
95Kb / 4P
   CERAMIC RESONATOR
ZTT_MG SHOULDER-ZTT_MG Datasheet
98Kb / 4P
   CERAMIC RESONATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com