Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAUC1G125MDCKREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CAUC1G125MDCKREP
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CAUC1G125MDCKREP Datasheet(HTML) 1 Page - Texas Instruments

  CAUC1G125MDCKREP Datasheet HTML 1Page - Texas Instruments CAUC1G125MDCKREP Datasheet HTML 2Page - Texas Instruments CAUC1G125MDCKREP Datasheet HTML 3Page - Texas Instruments CAUC1G125MDCKREP Datasheet HTML 4Page - Texas Instruments CAUC1G125MDCKREP Datasheet HTML 5Page - Texas Instruments CAUC1G125MDCKREP Datasheet HTML 6Page - Texas Instruments CAUC1G125MDCKREP Datasheet HTML 7Page - Texas Instruments CAUC1G125MDCKREP Datasheet HTML 8Page - Texas Instruments CAUC1G125MDCKREP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.ti.com
FEATURES
V
CC
3
2
4
5
1
OE
Y
A
GND
Seemechanicaldrawingsfordimensions.
DCKPACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74AUC1G125-EP
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
SCES670 – MARCH 2007
• Controlled Baseline
• I
off Supports Partial-Power-Down Mode
Operation
One Assembly Site
• Sub-1-V Operable
One Test Site
• Max t
pd of 2.5 ns at 1.8 V
One Fabrication Site
• Low Power Consumption, 10-µA Max I
CC
• Extended Temperature Performance of –55°C
to 125
°C
• ±8-mA Output Drive at 1.8 V
• Enhanced Diminishing Manufacturing Sources
• Latch-Up Performance Exceeds 100 mA Per
(DMS) Support
JESD 78, Class II
• Enhanced Product-Change Notification
• ESD Protection Exceeds JESD 22
• Qualification Pedigree (1)
2000-V Human-Body Model (A114-A)
• Optimized for 1.8-V Operation and Is 3.6-V I/O
200-V Machine Model (A115-A)
Tolerant to Support Mixed-Mode Signal
1000-V Charged-Device Model (C101)
Operation
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The SN74AUC1G125 is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to 1.95-V VCC
operation.
The SN74AUC1G125 is a single-line driver with a 3-state output. The output is disabled when the output-enable
(OE) input is high.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Description - CAUC1G125MDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com