Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT956DW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74BCT956DW
Description  OCTAL BUS TRANSCEIVER AND LATCH WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT956DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74BCT956DW Datasheet HTML 1Page - Texas Instruments SN74BCT956DW Datasheet HTML 2Page - Texas Instruments SN74BCT956DW Datasheet HTML 3Page - Texas Instruments SN74BCT956DW Datasheet HTML 4Page - Texas Instruments SN74BCT956DW Datasheet HTML 5Page - Texas Instruments SN74BCT956DW Datasheet HTML 6Page - Texas Instruments SN74BCT956DW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74BCT956
OCTAL BUS TRANSCEIVER AND LATCH
WITH 3STATE OUTPUTS
SCBS088A − NOVEMBER 1991 − REVISED NOVEMBER 1993
Copyright
1993, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
ESD Protection Exceeds 2000 V Per
MIL-STD-883C, Method 3015; Exceeds
200 V Using Machine Model (C = 200 pF,
R = 0)
Latch Version of the ′BCT646
Independent Latches and Enables for
A and B Buses
Multiplexed Real-Time and Stored Data
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic 300-mil DIPs (NT)
description
The SN74BCT956 consists of bus transceiver circuits, D-type latches, and control circuitry arranged for
multiplexed transmission of data directly from the input bus or from the internal latches. Data on the A or B bus
is stored in the latches when the appropriate latch-enable (LEAB or LEBA) input is low. Figure 1 illustrates the
four fundamental bus-management functions that can be performed with the SN74BCT956.
Output-enable (OE) and direction-control (DIR) inputs are provided to control the transceiver functions. In the
transceiver mode (OE low), data present at the high-impedance port may be stored in either latch or in both.
The select-control (SAB and SBA) inputs can multiplex stored and real-time (transparent mode) data. When the
appropriate latch-enable input is high, the latch is transparent, and real-time data is output regardless of the level
at the select control.
The direction control (DIR) determines which bus receives data when OE is low. In the isolation mode (OE high),
A data may be stored in one register and/or B data may be stored in the other register.
When an output function is disabled, the input function is still enabled and may be used to store and transmit
data. Only one of the two buses, A or B, may be driven at a time.
The SN74BCT956 is characterized for operation from 0
°C to 70°C.
LEAB
SAB
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
LEBA
SBA
OE
B1
B2
B3
B4
B5
B6
B7
B8
DW OR NT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74BCT956DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT979 TI1-SN74BCT979 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
SN74BCT979DL TI1-SN74BCT979DL Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
SN74BCT979DLR TI1-SN74BCT979DLR Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
More results

Similar Description - SN74BCT956DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com