Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC1206T5006GET Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # HVC1206T5006GET
Description  Precision High-Value High-voltage Wraparound Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HVC1206T5006GET Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  HVC1206T5006GET Datasheet HTML 1Page - Ohmite Mfg. Co. HVC1206T5006GET Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com
Serie S Specification S
Wattage1
Oper. Voltage (V)
Resistance
TCR2
VCR2
Series
Type
P70 (mW)
std. untrimmed (
≥5%)
Range
Tolerance
(ppm)
(ppm)
HVC0805---
0805
125
200
400
100K-100M
0.5-10%
25, 50, 100
100
>100M-1G
2-20%
50, 100, 250
250
>1G-10G
5-20%
250, 500
500
>10G-100G
10-30%
2000
1000
HVC1206---
1206
250
600
1000
100K-100M
0.5-10%
25, 50, 100
50
>100M-1G
2-20%
50, 100, 250
100
>1G-10G
5-20%
100, 250
250
>10G-100G
10-30%
500, 1000
1000
HVC2512---
2512
1000
2000
3000
100K-100M
0.5-10%
25, 50, 100
10
>100M-1G
1-20%
25, 50, 100
25
>1G-10G
2-20%
50, 100
50
>10G-100G
5-30%
250, 500
100
1. At continuous power dissipation the dimensions of the solder pads have to be capable of sufficient heat conduction.
2. Not all TCR/VCR combinations available in all resistance values
characteri S tic S
Operating temperature
range
-55°C ~ +155°C
Climatic category 55/155/56, acc. to EN 60068-1
Solderability 250°C, 3s, acc. to EN 60068-2-58
Max. soldering temperature 260°C, 10s, acc. to IEC 68-2-58
Long Term Stability
<1G
<10G
≥10G
Load Life 70°C/1000h <0.25% <0.5% <1%
Storage 125°C/1000h <0.5%
<1%
<2%
Max. Voltage/1000h
<0.5%
<1%
<2%
Data not specified according to EN 140401-802 (CECC 40401-802)
THICK FILM
SMD
hVc Series
Precision High-Value High-voltage Wraparound Chip
f ea ture S
•Highvaluechipresistorsinthickfilmtechnology
•Lowtemperatureandvoltagedependency(lowTCRandVCR)
•Highworkingvoltageupto3000V
•Suitableforhighvacuumapplications—noorganics
•Contactareas:Nickel-barrier/mattetin
•Wraparoundterminals
100
Ambient Temperature,
°C
60
20
0
80
40
050
100
155
70
-55
Derating
t erminal Detail S
Base Metal PtAg
Termination Finish 100% electroplated matte Sn100
Thickness of Finish 5 microns
Barrier Material between Base Metal and Finish Porosity-free Ni (5-8 microns thickness)
Baking/Annealing Process after Sn Plating 150°C; > 4 hours
Peak Process Body Temperature (Classification
Temperature) and Maximum Time
260°C for 10 seconds


Similar Part No. - HVC1206T5006GET

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HVC1206T5004JET OHMITE-HVC1206T5004JET Datasheet
329Kb / 2P
   Low temperature and voltage dependency
HVC1206T5004JET OHMITE-HVC1206T5004JET Datasheet
330Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
HVC1206T5005JET OHMITE-HVC1206T5005JET Datasheet
329Kb / 2P
   Low temperature and voltage dependency
HVC1206T5005JET OHMITE-HVC1206T5005JET Datasheet
330Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
More results

Similar Description - HVC1206T5006GET

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HVC OHMITE-HVC Datasheet
330Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
logo
Vishay Siliconix
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
Revision: 19-Nov-13
logo
RCD COMPONENTS INC.
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
Vishay Siliconix
P VISHAY-P_V01 Datasheet
148Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
01-Jan-2022
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
   High Precision Wraparound Thin Film Chip Resistors
01-Jan-2022
P VISHAY-P Datasheet
131Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
Revision: 20-Feb-15
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
logo
Vishay Siliconix
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
Y162612K7560T9R VISHAY-Y162612K7560T9R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com