Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QKL14Z32ATLH4(R) Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # QKL14Z32ATLH4(R)
Description  Supports all KL14 and KL15 devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

QKL14Z32ATLH4(R) Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button QKL14Z32ATLH4(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc QKL14Z32ATLH4(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc QKL14Z32ATLH4(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc QKL14Z32ATLH4(R) Datasheet HTML 10Page - Freescale Semiconductor, Inc QKL14Z32ATLH4(R) Datasheet HTML 11Page - Freescale Semiconductor, Inc QKL14Z32ATLH4(R) Datasheet HTML 12Page - Freescale Semiconductor, Inc QKL14Z32ATLH4(R) Datasheet HTML 13Page - Freescale Semiconductor, Inc QKL14Z32ATLH4(R) Datasheet HTML 14Page - Freescale Semiconductor, Inc QKL14Z32ATLH4(R) Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Table 4. KL15 48MHz Performance Table (continued)
MC Partnumber
Debug
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
Trace
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
NMI
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
System Modules
Watchdog
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
PMC
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
DMA
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
Clock Modules
MCG
FLL
FLL
FLL
FLL
FLL
FLL
FLL
FLL
FLL
FLL
FLL
FLL
OSC (32-40kHz/
3-32MHz)
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
RTC
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
Analog
Total SE Channels SAR
ADC (w temp sense)
16bit,
1x9ch
16bit,
1x9ch
16bit,
1x9ch
16bit,
1x15c
h
16bit,
1x15c
h
16bit,
1x15c
h
16bit,
1x16c
h
16bit,
1x16c
h
16bit,
1x16c
h
16bit,
1x16c
h
16bit,
1x16c
h
16bit,
1x16c
h
DP Channels
2ch
2ch
2ch
3ch
3ch
3ch
4ch
4ch
4ch
4ch
4ch
4ch
SE Channels
5ch
5ch
5ch
9ch
9ch
9ch
8ch
8ch
8ch
8ch
8ch
8ch
12-bit DAC
1
1
1
1
1
1
1
1
1
1
1
1
Analog Comparator
1
1
1
1
1
1
1
1
1
1
1
1
Analog Comparator Inputs
3
3
3
4
4
4
6
6
6
6
6
6
Timers
General purpose/PWM
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
Low Power Timer
1
1
1
1
1
1
1
1
1
1
1
1
PIT (32bit)
1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch
Communication Interfaces
Low Power UART
1
1
1
1
1
1
1
1
1
1
1
1
UART
2
2
2
2
2
2
2
2
2
2
2
2
SPI chip selects per
module
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
I2C
2
2
2
2
2
2
2
2
2
2
2
2
USB OTG LS/FS w/ on-
chip xcvr
-
-
-
-
-
-
-
-
-
-
-
-
USB 120mAReg
-
-
-
-
-
-
-
-
-
-
-
-
Table continues on the next page...
Features
KL14/KL15 Product Brief, Rev. 2, 6/2012
Freescale Semiconductor, Inc.
Preliminary
11
General Business Information


Similar Part No. - QKL14Z32ATLH4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
QKL24A128ATFMCCC(R) FREESCALE-QKL24A128ATFMCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATFTCCC(R) FREESCALE-QKL24A128ATFTCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATLHCCC(R) FREESCALE-QKL24A128ATLHCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATLKCCC(R) FREESCALE-QKL24A128ATLKCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATPPCCC(R) FREESCALE-QKL24A128ATPPCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
More results

Similar Description - QKL14Z32ATLH4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL04Z16VFK4 FREESCALE-MKL04Z16VFK4 Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
logo
NXP Semiconductors
KL15P35M48SF0 NXP-KL15P35M48SF0 Datasheet
1Mb / 52P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
KL14P80M48SF0 NXP-KL14P80M48SF0 Datasheet
1Mb / 52P
   Kinetis KL14 Sub-Family
Rev 5 08/2014
logo
Lattice Semiconductor
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL16V8D-25LJN LATTICE-GAL16V8D-25LJN Datasheet
767Kb / 26P
   All Devices Discontinued
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
logo
Freescale Semiconductor...
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
logo
NXP Semiconductors
KL15P80M48SF0 NXP-KL15P80M48SF0 Datasheet
1Mb / 57P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com