Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7712 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT7712
Description  20-A Programmable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7712 Datasheet(HTML) 3 Page - Texas Instruments

  PT7712 Datasheet HTML 1Page - Texas Instruments PT7712 Datasheet HTML 2Page - Texas Instruments PT7712 Datasheet HTML 3Page - Texas Instruments PT7712 Datasheet HTML 4Page - Texas Instruments PT7712 Datasheet HTML 5Page - Texas Instruments PT7712 Datasheet HTML 6Page - Texas Instruments PT7712 Datasheet HTML 7Page - Texas Instruments PT7712 Datasheet HTML 8Page - Texas Instruments PT7712 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Performance Characteristics, Vin =3.3V (See Note A)
PT7713—3.3V
20 Amp Low Voltage Programmable
Integrated Switching Regulator
Note A: All characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical for the ISR.
Note B: SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Typical Characteristics
Safe Operating Area Curves (See Note B)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
PT7713, Vin =3.3V
20
30
40
50
60
70
80
90
0
4
8
12
16
20
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
60
70
80
90
100
0
4
8
121620
Iout (A)
2.5V
1.8V
VOUT
0
10
20
30
40
0
4
8
12
16
20
Iout (A)
1.8V
2.5V
VOUT
0
2
4
6
8
10
0
4
8
12
16
20
Iout (A)
1.8V
2.5V
VOUT


Similar Part No. - PT7712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI1-PT7712 Datasheet
193Kb / 9P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT7712A TI-PT7712A Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712N TI-PT7712N Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712VD TI-PT7712VD Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
More results

Similar Description - PT7712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7716 TI1-PT7716 Datasheet
193Kb / 9P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT7615 TI-PT7615 Datasheet
172Kb / 7P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
PT6722 TI-PT6722 Datasheet
166Kb / 7P
[Old version datasheet]   14-A Low-Voltage Programmable Integrated Switching Regulator
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
PT6703 TI-PT6703 Datasheet
168Kb / 7P
[Old version datasheet]   13-A Low-Voltage Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com