Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC139QDRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC139QDRQ1
Description  DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC139QDRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC139QDRQ1 Datasheet HTML 1Page - Texas Instruments SN74HC139QDRQ1 Datasheet HTML 2Page - Texas Instruments SN74HC139QDRQ1 Datasheet HTML 3Page - Texas Instruments SN74HC139QDRQ1 Datasheet HTML 4Page - Texas Instruments SN74HC139QDRQ1 Datasheet HTML 5Page - Texas Instruments SN74HC139QDRQ1 Datasheet HTML 6Page - Texas Instruments SN74HC139QDRQ1 Datasheet HTML 7Page - Texas Instruments SN74HC139QDRQ1 Datasheet HTML 8Page - Texas Instruments SN74HC139QDRQ1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN74HC139-Q1
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SCLS598B − NOVEMBER 2004 – REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VIH
High level input voltage
VCC = 6 V
4.2
V
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VIL
Low level input voltage
VCC = 6 V
1.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2 V
1000
∆t/∆v
Input transition rise/fall time
VCC = 4.5 V
500
ns
∆t/∆v
Input transition rise/fall time
VCC = 6 V
400
ns
TA
Operating free-air temperature
−40
125
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = −40°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH
20
µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI
VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL
20
µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI
VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
2 V to 6 V
3
10
10
10
pF


Similar Part No. - SN74HC139QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC139 TI-SN74HC139 Datasheet
535Kb / 16P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74HC139 TI-SN74HC139 Datasheet
678Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74HC139 TI-SN74HC139 Datasheet
540Kb / 16P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74HC139 TI1-SN74HC139 Datasheet
914Kb / 22P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74HC139-Q1 TI1-SN74HC139-Q1 Datasheet
914Kb / 22P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74HC139QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74ALS155 TI-SN74ALS155 Datasheet
42Kb / 4P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74AC11239 TI-74AC11239 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_07 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A Datasheet
346Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139 TI1-74ACT11139_15 Datasheet
892Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_08 Datasheet
856Kb / 20P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A-Q1 TI1-SN74LVC139A-Q1 Datasheet
236Kb / 10P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com