Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QKL14Z64VLK4(R) Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # QKL14Z64VLK4(R)
Description  Supports all KL14 and KL15 devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

QKL14Z64VLK4(R) Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button QKL14Z64VLK4(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc QKL14Z64VLK4(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc QKL14Z64VLK4(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc QKL14Z64VLK4(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc QKL14Z64VLK4(R) Datasheet HTML 10Page - Freescale Semiconductor, Inc QKL14Z64VLK4(R) Datasheet HTML 11Page - Freescale Semiconductor, Inc QKL14Z64VLK4(R) Datasheet HTML 12Page - Freescale Semiconductor, Inc QKL14Z64VLK4(R) Datasheet HTML 13Page - Freescale Semiconductor, Inc QKL14Z64VLK4(R) Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Table 3. KL14 48MHz Performance Table (continued)
MC Partnumber
USB 120mAReg
-
-
-
-
-
-
-
-
Human-Machine Interface
Segment LCD
-
-
-
-
-
-
-
-
TSI (Capacitive Touch)
-
-
-
-
-
-
-
-
Total GPIOs
28
28
40
40
54
54
70
70
GPIOs w/ Interrupt
12
12
16
16
19
19
23
23
High Current GPIOs (18mA)
2
2
4
4
4
4
4
4
Operating Characteristics
Voltage Range
1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V 1.71-3.6V
Flash Write V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
Temp Range
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
4.4.2 KL15 Family Features (48MHz Performance)
Table 4. KL15 48MHz Performance Table
MC Partnumber
General
CPU Frequency
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
Pin Count
32
32
32
48
48
48
64
64
64
80
80
80
Package
QFN
QFN
QFN
QFN
QFN
QFN
LQFP LQFP LQFP LQFP LQFP LQFP
Memories and Memory Interfaces
Flash
32KB
64KB 128KB 32KB
64KB 128KB 32KB
64KB 128KB 32KB
64KB 128KB
SRAM
4KB
8KB
16KB
4KB
8KB
16KB
4KB
8KB
16KB
4KB
8KB
16KB
Cache
64B
64B
64B
64B
64B
64B
64B
64B
64B
64B
64B
64B
Core Modules
Table continues on the next page...
Features
KL14/KL15 Product Brief, Rev. 2, 6/2012
10
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - QKL14Z64VLK4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
QKL24A128ATFMCCC(R) FREESCALE-QKL24A128ATFMCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATFTCCC(R) FREESCALE-QKL24A128ATFTCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATLHCCC(R) FREESCALE-QKL24A128ATLHCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATLKCCC(R) FREESCALE-QKL24A128ATLKCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
QKL24A128ATPPCCC(R) FREESCALE-QKL24A128ATPPCCC(R) Datasheet
296Kb / 21P
   KL24/KL25 Product Brief
More results

Similar Description - QKL14Z64VLK4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL04Z16VFK4 FREESCALE-MKL04Z16VFK4 Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
logo
NXP Semiconductors
KL15P35M48SF0 NXP-KL15P35M48SF0 Datasheet
1Mb / 52P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
KL14P80M48SF0 NXP-KL14P80M48SF0 Datasheet
1Mb / 52P
   Kinetis KL14 Sub-Family
Rev 5 08/2014
logo
Lattice Semiconductor
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL16V8D-25LJN LATTICE-GAL16V8D-25LJN Datasheet
767Kb / 26P
   All Devices Discontinued
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
logo
Freescale Semiconductor...
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
logo
NXP Semiconductors
KL15P80M48SF0 NXP-KL15P80M48SF0 Datasheet
1Mb / 57P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com