Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT8125C Datasheet(PDF) 6 Page - Texas Instruments

Part # PT8125C
Description  30-A 12-V Input Programmable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT8125C Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT8125C Datasheet HTML 2Page - Texas Instruments PT8125C Datasheet HTML 3Page - Texas Instruments PT8125C Datasheet HTML 4Page - Texas Instruments PT8125C Datasheet HTML 5Page - Texas Instruments PT8125C Datasheet HTML 6Page - Texas Instruments PT8125C Datasheet HTML 7Page - Texas Instruments PT8125C Datasheet HTML 8Page - Texas Instruments PT8125C Datasheet HTML 9Page - Texas Instruments PT8125C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Characteristic Data; Vin =12V (See Note A)
Safe Operating Area; Vin =12V (See Note B)
Efficiency vs Output Current
PT8120 Series, Vout =5V
Power Dissipation vs Output Current
PT8120 Series, Vout =1.5V
Output Ripple vs Output Current
PT8120 Series, Vout =3.3V
20
30
40
50
60
70
80
90
0
6
12
18
24
30
Iout (A)
400LFM
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
6
12
18
24
30
Iout (A)
Nat conv
60LFM
120LFM
200LFM
400LFM
Airflow
20
30
40
50
60
70
80
90
0
6
12
18
24
30
Iout (A)
400LFM
200LFM
120LFM
60LFM
Nat conv
Airflow
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
60
70
80
90
100
0
6
12
18
24
30
Iout (A)
5V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.8V
VOUT
0
5
10
15
20
25
30
0
6
12
18
24
30
Iout (A)
5V
0.8V
3.3V
1.5V
VOUT
0
3
6
9
12
15
0
6
12
18
24
30
Iout (A)
5V
3.3V
1.5V
0.8V
VOUT
PT8120 Series
30-A 12-V Input Programmable
Integrated Switching Regulator


Similar Part No. - PT8125C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8125 TI-PT8125 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
More results

Similar Description - PT8125C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8125 TI-PT8125 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com