Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT8121N Datasheet(PDF) 5 Page - Texas Instruments

Part # PT8121N
Description  30-A 12-V Input Programmable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT8121N Datasheet(HTML) 5 Page - Texas Instruments

  PT8121N Datasheet HTML 1Page - Texas Instruments PT8121N Datasheet HTML 2Page - Texas Instruments PT8121N Datasheet HTML 3Page - Texas Instruments PT8121N Datasheet HTML 4Page - Texas Instruments PT8121N Datasheet HTML 5Page - Texas Instruments PT8121N Datasheet HTML 6Page - Texas Instruments PT8121N Datasheet HTML 7Page - Texas Instruments PT8121N Datasheet HTML 8Page - Texas Instruments PT8121N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT8120 Series
30-A 12-V Input Programmable
Integrated Switching Regulator
PT8124 Specifications (Unless otherwise stated Ta =25°C, Cin =1,500µF, Cout =660µF, Vin =12V, & Io = Iomax )
PT8124 Only
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Natural convection or
0.1 (1)
—30
A
60°C with 200LFM airflow
Input Voltage Range
Vin
Over Io Range
10.8
13.2
V
Set-Point Voltage Tolerance
Vo tol
Over Vo range, Io =0.5A
±1
±2
%V
Line Regulation
∆Regline
Over Vin range
±10
mV
Load Regulation (Droop)
∆Regload
Over Io range
2
mV/A
Temperature Variation
∆Regtemp
–40°C
≤Ta ≤85°C, , Io =0.5A
±0.5
%Vo
Total Output Voltage Variation
∆Votot
Includes set-point, line, load
85 (2)
mV
–40°C
≤Ta ≤ 85°C
Efficiency
η
Io =15A
Vo =1.8V
86
Vo =1.5V
84
%
Vo =1.2V
81
Io =Iomax
Vo =1.8V
84
Vo =1.5V
82
%
Vo =1.2V
78
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
20
mV
Transient Response
ttr
1A/µs load step, 50% to 100% Iomax
50
µSec
∆Vtr
Vo over/undershoot
50
mV
Over-Current Threshold
ITRIP
Reset followed by auto-recovery
47
A
Switching Frequency
ƒs
Over load range
300
350
400
kHz
Standby Control (pin 6)
Referenced to GND (pins 17–22)
Input High Voltage
VIH
Open (3)
V
Input Low Voltage
VIL
-0.2
0.8
Input Low Current
IIL
Pin 6 to GND
0.5
mA
Standby Input Current
Iin standby
Pin 6 to GND
35
mA
External Output Capacitance
Cout
See PT8124 application schematic
660 (4)
30,000
µF
External Input Capacitance
Cin
See PT8124 application schematic
1,500
µF
Operating Temperature Range
Ta
Over Vin Range
–40 (5)
—+85 (6)
°C
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
1 msec, Half Sine, mounted to a fixture
Mechanical Vibration
Mil-STD-883D, Method 2007.2
20 (7)
G’s
20-2000 Hz, soldered in PCB
Weight
Vertical/Horizontal
55
grams
Flammability
Materials meet UL 94V-0
Notes: (1) ISR-will operate down to no load with reduced specifications.
(2) Total output voltage variation includes load regulation droop, which is required for compliance with specification VRM 8.5-4
(3) The Standby input (pin 6) has an internal pull-up. If it is left open-circuit the PT812x will operate when input power is applied. A low-leakage
MOSFET is recommended to control this input. The open-circuit voltage is nominally 5V. See application notes for interface considerations.
(4) The PT8120 regulators require a minimum of 660µF, low ESR ouput capacitance (1,200µF for standard aluminum electrolytic) for proper operation.
(5) For operation below 0°C, Cout must have stable characteristics. Use either low ESR tantalum or Oscon® capacitors.
(6) See safe Operating Area curves or consult factory for the appropriate derating.
(7) The case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.
Input Filter: An input filter inductor is optional for most applications. The inductor must be rated to handle the projected input current. A rating of 10ADC for
Vout ≤3.3V, and 15ADC for Vout ≥4.5V is recommended. The input capacitance must be rated for a minimum of 1.6Arms of ripple current. For transient or dynamic
load applications, additional capacitance may be required. For more information consult the application note on capacitor selection.


Similar Part No. - PT8121N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8121 TI-PT8121 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
More results

Similar Description - PT8121N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8125 TI-PT8125 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com