Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1779P Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA1779P
Description  Predriver for High Resolution Computer Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1779P Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA1779P Datasheet HTML 2Page - Sony Corporation CXA1779P Datasheet HTML 3Page - Sony Corporation CXA1779P Datasheet HTML 4Page - Sony Corporation CXA1779P Datasheet HTML 5Page - Sony Corporation CXA1779P Datasheet HTML 6Page - Sony Corporation CXA1779P Datasheet HTML 7Page - Sony Corporation CXA1779P Datasheet HTML 8Page - Sony Corporation CXA1779P Datasheet HTML 9Page - Sony Corporation CXA1779P Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
– 9 –
CXA1779P
Example of Representative Characteristics
Graph 1. Contrast control (RGB common) characteristics
20
10
0
–10
–20
0
1
2
3
4
5
PIX [V]
Graph 2. DRV control (RGB independent) characteristics (Gch)
2
0
–2
–4
–6
0
1
2
3
4
5
G DRV [V]
PIX
Graph 3. BRT control characteristics
4
3
2
1
0
1
2
3
4
5
G BRT [V]
Pin name
Pin voltage
12
PIX
3
R DRV
6
G DRV
9
B DRV
26
R BRT
22
G BRT
18
B BRT
5
G IN
0 to 5
[V]
4
[V]
4
[V]
4
[V]
2.5
[V]
2.5
[V]
2.5
[V]
0.65 [Vpp]
Input conditions for each control pin
Pin name
Pin voltage
12
PIX
3
R DRV
6
G DRV
9
B DRV
26
R BRT
22
G BRT
18
B BRT
5
G IN
4
[V]
4
[V]
0 to 5
[V]
4
[V]
2.5
[V]
2.5
[V]
2.5
[V]
0.65 [Vpp]
Input conditions for each control pin
Pin name
Pin voltage
12
PIX
3
R DRV
6
G DRV
9
B DRV
26
R BRT
22
G BRT
18
B BRT
5
G IN
2.5
[V]
2.5
[V]
2.5
[V]
2.5
[V]
2.5
[V]
0 to 5
[V]
2.5
[V]
0.65 [Vpp]
Input conditions for each control pin


Similar Part No. - CXA1779P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1774S ETC2-CXA1774S Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1777N SONY-CXA1777N Datasheet
129Kb / 7P
   WIDE BAND DIFFERENTIAL AMPLIFIER
More results

Similar Description - CXA1779P

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7659S ROHM-BH7659S Datasheet
130Kb / 13P
   Input selector for high resolution displays
logo
Sony Corporation
CXA2066S SONY-CXA2066S Datasheet
196Kb / 21P
   Preamplifier for High Resolution Computer Display
CXA2153S SONY-CXA2153S Datasheet
187Kb / 24P
   Preamplifier for High Resolution Computer Display
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA2067AS SONY-CXA2067AS Datasheet
211Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
logo
Aven, Inc.
26700-401 AVEN-26700-401 Datasheet
2Mb / 1P
   High Resolution Inspection, No Computer Required.
logo
List of Unclassifed Man...
TDA8432 ETC1-TDA8432 Datasheet
259Kb / 5P
   COMPUTER-CONTROLLED DEFLECTION PROCESSOR FOR VIDEO DISPLAYS
logo
Sanyo Semicon Device
VPA15 SANYO-VPA15 Datasheet
210Kb / 5P
   VIDEO PACK, VIDEO OUTPUT AMPLIFIER FOR HIGH-RESOLUTION CRT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com