Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48540BAH Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48540BAH
Description  10-W Power-Over-Ethernet Isolated Power Module Assembly
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48540BAH Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTB48540BAH Datasheet HTML 3Page - Texas Instruments PTB48540BAH Datasheet HTML 4Page - Texas Instruments PTB48540BAH Datasheet HTML 5Page - Texas Instruments PTB48540BAH Datasheet HTML 6Page - Texas Instruments PTB48540BAH Datasheet HTML 7Page - Texas Instruments PTB48540BAH Datasheet HTML 8Page - Texas Instruments PTB48540BAH Datasheet HTML 9Page - Texas Instruments PTB48540BAH Datasheet HTML 10Page - Texas Instruments PTB48540BAH Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
Table 2-2
DC/DC CONVERTER ADJUSTMENT RESISTOR VALUES
Series Pt #
PTB48540B
PTB48540A
PTB48540C
Vo(nom)
3.3 V
5 V
12 V
Va(req’d)
2.95
(90.0)k
3.0
(146.0)k
3.05
(223.0)k
3.1
(340.0)k
3.15
(534.0)k
3.2
(923.0)k
3.25
(2090.0)k
3.3
3.35
1190.0k
3.4
501.0k
3.45
272.0k
3.5
157.0k
3.55
88.4k
3.6
42.5k
3.65
9.7k
4.5
(258.0)k
4.6
(364.0)k
4.7
(541.0)k
4.8
(895.0)k
4.9
(1960.0)k
5.0
5.1
578.0k
5.2
234.0k
5.3
119.0k
5.4
62.1k
5.5
27.7k
10.8
(399.0)k
11.0
(499.0)k
11.5
(1110.0)k
12.0
12.5
87.8k
13.0
18.9k
13.2
7.5k
R
1 = (Blue)
R
2 = Black
PTB48540 Series
Adjusting the Output Voltage of the PTB48540
Series of Power Over Ethernet Modules
The set-point output voltage of the PTB48540 series of
PoE modules may be adjusted (trimmed) by up to ±10 %.
This is accomplished with the addition of a single exter-
nal resistor. For the input voltage range specified in the
data sheet, Table 2-1 gives the allowable adjustment range
for each model as Vo (min) and Vo (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor, R2 between pin 2 (Vout Adj), and
pin 1 (–Vout).
Adjust Down:
Add a resistor (R1), between pin 2 (Vout Adj)
and pin 3 (+Vout).
Refer to Figure 2-1 and Table 2-2 for both the placement and
value of the required resistor, (R1) or R2.
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulas.
(R1)
=
56.2 (Va – 1.225)
– Rs
k
Vo – Va
R2
=
68.845
– Rs
k
Va – Vo
Where,
Vo = Original output voltage
Va = Adjusted output voltage
Rs = Internal resistance (Table 2-1)
Notes:
1. Use only a single 1 % resistor in either the (R1) or R2
location. Place the resistor as close to the module as
possible.
2. Never connect capacitors to Vo adjust. Any capacitance
added to the Vo adjust control pin will affect the stability
of the module.
3. The output power is limited to 10 W. If the output
voltage is increased, the maximum load current must
be derated according to the following equation.
Io(max)
= 10
Va
In any instance, the load current must not exceed the
converter’s rated current (See Table 2-1).
Table 2-1
DC/DC CONVERTER ADJUSTMENT PARAMETERS
Series Pt #
PTB48540B
PTB48540A
PTB48540C
Rated Current 3
3 A
2 A
0.85 A
Vo(nom)
3.3 V
5 V
12 V
Vo(min)
2.95 V
4.5 V
10.8 V
Vo(max)
3.65 V
5.5 V
13.2 V
Rs (k
Ω)
187
110
49.9
+V
OUT
V
OUT Adj
–V
OUT
L
O
A
D
(R
1)
Adjust Dn
R
2
Adjust Up
1
2
3
PTB48540
Figure 2-1; Adjust Resistor Placement
Not Recommended for New Designs


Similar Part No. - PTB48540BAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540BAH TI1-PTB48540BAH Datasheet
424Kb / 13P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540BAH TI1-PTB48540BAH Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
More results

Similar Description - PTB48540BAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH_14 Datasheet
424Kb / 13P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI1-PTB48540_16 Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com